Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 211 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 211 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 207Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 208Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 209Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 210Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 211Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 212Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 213Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 214Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 215Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 241 page
background image
211
4341F–MP3–03/06
AT8xC51SND2C/MP3B
VDD = 2.7 to 3.3 V, TA = -40 to +85°C
24.2.4
USB Connection
24.2.4.1
Schematic
Figure 24-6. USB Connection
24.2.4.2
Parameters
Table 24-5.
USB Termination Characteristics
V
DD = 3 to 3.3 V, TA = -40 to +85°C
24.2.5
DAC and PA
24.2.6
Electrical Specifications
24.2.6.1
PA
AUDVBAT = 3.6V, TA = 25°C unless otherwise noted.
High power mode, 100nF capacitor connected between CBP and AUDVSS, 470nF input capac-
itors, Load = 8 ohms.
Figure 24-7. PA Specification
Symbol
Parameter
Min
Typ
Max
Unit
R
Filter Resistor
100
Ω
C1
Filter Capacitance 1
10
nF
C2
Filter Capacitance 2
2.2
nF
D+
D-
VBUS
GND
D+
D-
VSS
To Power
RUSB
RUSB
VDD
Supply
RFS
Symbol
Parameter
Min
Typ
Max
Unit
R
USB
USB Termination Resistor
27
Ω
R
FS
USB Full Speed Resistor
1.5
K
Ω
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
AUDVBA
T
Supply Voltage
3.2
-
5.5
V
IDD
Quiescent Current
Inputs shorted, no load
-
6
8
mA
IDDstby
Standby Current
Capacitance
-
-
2
μA
VCBP
DC Reference
-
AUDVBA
T/2
-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com