Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 218 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 218 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 214Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 215Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 216Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 217Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 218Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 219Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 220Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 221Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 222Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 241 page
background image
218
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Table 24-7.
DAC and PA Characteristics
24.2.8
In System Programming
24.2.8.1
Schematic
Figure 24-13. ISP Pull-Down Connection
24.2.8.2
Parameters
Table 24-8.
ISP Pull-Down Characteristics
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
Symbol
Parameter
Typ
Unit
C1
Capacitance
470
nF
C3
Capacitance
470
nF
C4
Capacitance
470
nF
C5
Capacitance
100
μF
C6
Capacitance
100
μF
C7
Capacitance
100
nF
C8
Capacitance
470
nF
C9
Capacitance
100n
μF
C10
Capacitance
10
μF
C11
Capacitance
10
μF
C12
Capacitance
470
nF
C15
Capacitance
470
nF
C16
Capacitance
22
μF
C17
Capacitance
100
nF
C18
Capacitance
100
nF
C19
Capacitance
100
nF
R1
Resistor
200
Ω
VSS
ISP
R
ISP
Symbol
Parameter
Min
Typ
Max
Unit
R
ISP
ISP Pull-Down Resistor
2.2
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com