Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 229 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 229 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 225Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 226Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 227Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 228Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 229Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 230Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 231Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 232Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 233Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 241 page
background image
229
4341F–MP3–03/06
AT8xC51SND2C/MP3B
24.4.1.2
Waveforms
Figure 24-23. Two Wire Waveforms
24.4.2
MMC Interface
24.4.2.1
Definition of symbols
Table 24-20. MMC Interface Timing Symbol Definitions
24.4.2.2
Timings
Table 24-21. MMC Interface AC timings
VDD = 2.7 to 3.3 V, TA = -40 to +85°C, CL ≤ 100pF (10 cards)
Tsu;DAT1
T
su;STA
Tsu;DAT
2
Thd;STA
Thigh
Tlow
SDA
(INPUT/OUTPUT)
0.3 VDD
0.7 V
DD
T
buf
T
su;STO
0.7 VDD
0.3 V
DD
Trd
Tfd
Trc
Tfc
SCL
(INPUT/OUTPUT)
Thd;DAT
Tsu;DAT3
START or Repeated START condition
START condition
STOP condition
Repeated START condition
Signals
Conditions
CClock
H
High
D
Data In
L
Low
OData Out
V
Valid
X
No Longer Valid
Symbol
Parameter
Min
Max
Unit
T
CHCH
Clock Period
50
ns
T
CHCX
Clock High Time
10
ns
T
CLCX
Clock Low Time
10
ns
T
CLCH
Clock Rise Time
10
ns
T
CHCL
Clock Fall Time
10
ns
T
DVCH
Input Data Valid to Clock High
3
ns
T
CHDX
Input Data Hold after Clock High
3
ns
T
CHOX
Output Data Hold after Clock High
5
ns
T
OVCH
Output Data Valid to Clock High
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com