Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25010 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT25010
Description  SPI Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25010 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT25010_03 Datasheet HTML 3Page - ATMEL Corporation AT25010_03 Datasheet HTML 4Page - ATMEL Corporation AT25010_03 Datasheet HTML 5Page - ATMEL Corporation AT25010_03 Datasheet HTML 6Page - ATMEL Corporation AT25010_03 Datasheet HTML 7Page - ATMEL Corporation AT25010_03 Datasheet HTML 8Page - ATMEL Corporation AT25010_03 Datasheet HTML 9Page - ATMEL Corporation AT25010_03 Datasheet HTML 10Page - ATMEL Corporation AT25010_03 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
AT25010/020/040
0606M–SEEPR–06/03
WRITE ENABLE (WREN): The device will power up in the write disable state when VCC
is applied. All programming instructions must therefore be preceded by a Write Enable
instruction. The WP pin must be held high during a WREN instruction.
WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the Write
Disable instruction disables all programming modes. The WRDI instruction is indepen-
dent of the status of the WP pin.
READ STATUS REGISTER (RDSR): The Read Status Register instruction provides
access to the status register. The READY/BUSY and Write Enable status of the device
can be determined by the RDSR instruction. Similarly, the Block Write Protection bits
indicate the extent of protection employed. These bits are set by using the WRSR
instruction.
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select
one of four levels of protection. The AT25010/020/040 is divided into four array seg-
ments. Top quarter (1/4), Top half (1/2), or all of the memory segments can be
protected. Any of the data within any selected segment will therefore be READ only. The
block write protection levels and corresponding status register control bits are shown in
Table 4.
The two bits, BP1 and BP0 are nonvolatile cells that have the same properties and func-
tions as the regular memory cells (e.g. WREN, t
WC, RDSR).
Table 2. Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
X
BP1
BP0
WEN
RDY
Table 3. Read Status Register Bit Definition
Bit
Definition
Bit 0 (RDY)
Bit 0 = 0 (RDY) indicates the device is READY. Bit 0 = 1 indicates the
write cycle is in progress.
Bit 1 (WEN)
Bit 1 = 0 indicates the device
is not WRITE ENABLED. Bit 1 = 1 indicates
the device is WRITE ENABLED.
Bit 2 (BP0)
See Table 4.
Bit 3 (BP1)
See Table 4.
Bits 4-7 are 0s when device is not in an internal write cycle.
Bits 0-7 are 1s during an internal write cycle.
Table 4. Block Write Protect Bits
Level
Status Register Bits
Array Addresses Protected
BP1
BP0
AT25010
AT25020
AT25040
0
0
0
NoneNoneNone
1 (1/4)
0
1
60-7F
C0-FF
180-1FF
2 (1/2)
1
0
40-7F
80-FF
100-1FF
3 (All)
1
1
00-7F
00-FF
000-1FF


Similar Part No. - AT25010_03

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010-10PC ATMEL-AT25010-10PC Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PC-1.8 ATMEL-AT25010-10PC-1.8 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PC-2.7 ATMEL-AT25010-10PC-2.7 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PI ATMEL-AT25010-10PI Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PI-1.8 ATMEL-AT25010-10PI-1.8 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
More results

Similar Description - AT25010_03

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com