Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25010 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25010
Description  SPI Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25010 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25010_03 Datasheet HTML 1Page - ATMEL Corporation AT25010_03 Datasheet HTML 2Page - ATMEL Corporation AT25010_03 Datasheet HTML 3Page - ATMEL Corporation AT25010_03 Datasheet HTML 4Page - ATMEL Corporation AT25010_03 Datasheet HTML 5Page - ATMEL Corporation AT25010_03 Datasheet HTML 6Page - ATMEL Corporation AT25010_03 Datasheet HTML 7Page - ATMEL Corporation AT25010_03 Datasheet HTML 8Page - ATMEL Corporation AT25010_03 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
AT25010/020/040
0606M–SEEPR–06/03
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. This parameter is preliminary and Atmel may change the specifications upon further characterization.
2. VIL min and VIH max are reference only and are not tested.
Pin Capacitance(1)
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted).
Symbol
Test Conditions
Max
Units
Conditions
COUT
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN
Input Capacitance (CS, SCK, SI, WP, HOLD)6
pF
VIN = 0V
DC Characteristics
Applicable over recommended operating range from: T
AI = -40°C to +85°C, VCC = +2.7V to +5.5V, VCC = +2.7V to +5.5V
(unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Max
Units
VCC1
Supply Voltage
2.7
5.5
V
V
CC2
Supply Voltage
4.5
5.5
V
I
CC1
Supply Current
V
CC = 5.0V at 1 MHz, SO = Open, Read
3.0
mA
ICC2
Supply Current
VCC = 5.0V at 2 MHz, SO = Open,
Read, Write
6.0
mA
ISB1
Standby Current
VCC = 2.7V
CS = VCC
5µA
ISB2
Standby Current
VCC = 5.0V
CS = VCC
10
µA
I
IL
Input Leakage
V
IN = 0V to VCC
-0.6
3.0
µA
I
OL
Output Leakage
V
IN = 0V to VCC, TAC = 0°C to 70°C
-0.6
3.0
µA
VIL
(2)
Input Low Voltage
-0.6
VCC x 0.3
V
VIH
(2)
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage
4.5V
≤ V
CC ≤ 5.5V
IOL = 2.0 mA
0.4
V
VOH1
Output High Voltage
IOH = -1.0 mA
VCC - 0.8
V
V
OL2
Output Low Voltage
2.7V
≤ V
CC ≤ 5.5V
I
OL = 0.15 mA
0.2
V
V
OH2
Output High Voltage
I
OH = -100 µA
V
CC - 0.2
V


Similar Part No. - AT25010_03

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010-10PC ATMEL-AT25010-10PC Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PC-1.8 ATMEL-AT25010-10PC-1.8 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PC-2.7 ATMEL-AT25010-10PC-2.7 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PI ATMEL-AT25010-10PI Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PI-1.8 ATMEL-AT25010-10PI-1.8 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
More results

Similar Description - AT25010_03

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com