Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C2051-24SU Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89C2051-24SU
Description  8-bit Microcontroller with 2K Bytes Flash
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-24SU Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89C2051-24SU Datasheet HTML 11Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 12Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 13Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 14Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 15Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 16Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 17Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 18Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
0368G–MICRO–6/05
AT89C2051
24. I
CC (Active Mode) Measurements
25. I
CC (Idle Mode) Measurements
26. I
CC (Power Down Mode) Measurements
AT89C2051
TYPICAL ICC - ACTIVE (85°C)
0
5
10
15
20
0
6
12
18
24
FREQUENCY (MHz)
I
C
C
m
A
Vcc=6.0V
Vcc=5.0V
Vcc=3.0V
AT89C2051
TYPICAL ICC - IDLE (85°C)
0
1
2
3
036
9
12
FREQUENCY (MHz)
I
C
C
m
A
Vcc=6.0V
Vcc=5.0V
Vcc=3.0V
AT89C2051
TYPICAL ICC vs. VOLTAGE- POWER DOWN (85°C)
0
5
10
15
20
3.0V
4.0V
5.0V
6.0V
Vcc VOLTAGE
I
C
C
µ
A
Notes:
1. XTAL1 tied to GND
2. P.1.0 and P1.1 = VCC or GND
3. Lock bits programmed


Similar Part No. - AT89C2051-24SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C2051-24SU ATMEL-AT89C2051-24SU Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - AT89C2051-24SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com