Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 120 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 116Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 117Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 118Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 119Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 120Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 121Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 122Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 123Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 212 page
background image
120
4109J–8051–10/06
AT8xC51SND1C
Figure 15-17. Data Block Transmission Flows
15.6.4
Data Receiver
15.6.4.1
Configuration
To receive data from the card you must first configure the data controller in reception mode by
clearing the DATDIR bit in MMCON1 register.
Figure 15-18 summarizes the data stream reception flows in both polling and interrupt modes
while Figure 15-19 summarizes the data block reception flows in both polling and interrupt
modes, these flows assume that block length is greater than 16 Bytes.
15.6.4.2
Data Reception
The end of a data frame (block or stream) reception is signalled to you by the EOFI flag in
MMINT register. This flag may generate an MMC interrupt request as detailed in Section "Inter-
rupt", page 122. When this flag is set, 2 other flags in MMSTA register: DATFS and CRC16S
give a status on the frame received. DATFS indicates if the frame format is correct or not: a valid
End bit has been received, and CRC16S indicates if the CRC16 computation is correct or not. In
case of data stream CRC16S has no meaning and stays cleared.
According to the MMC specification data transmission from the card starts after the access time
delay (formally N
AC parameter) beginning from the End bit of the read command. To avoid any
locking of the MMC controller when card does not send its data (e.g. physically removed from
the bus), you must launch a time-out period to exit from such situation. In case of time-out you
Data Block
Transmission
Start Transmission
DATEN = 1
DATEN = 0
FIFO Empty?
F1EI or F2EI = 1?
FIFO Filling
write 8 data to MMDAT
No More Data
To Send?
FIFOs Filling
write 16 data to MMDAT
a. Polling mode
Data Block
Initialization
Start Transmission
DATEN = 1
DATEN = 0
FIFOs Filling
write 16 data to MMDAT
Data Block
Transmission ISR
FIFO Filling
write 8 data to MMDAT
No More Data
To Send?
b. Interrupt mode
FIFO Empty?
F1EI or F2EI = 1?
Mask FIFOs Empty
F1EM = 1
F2EM = 1
Unmask FIFOs Empty
F1EM = 0
F2EM = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com