Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 175 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 175 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 171Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 172Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 173Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 174Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 175Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 176Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 177Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 178Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 179Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 212 page
background image
175
4109J–8051–10/06
AT8xC51SND1C
version (see Section "End Of Conversion", page 175). This bit is cleared by hardware at the end
of the conversion.
Notes:
1. Only the CPU activity is frozen, peripherals are not affected by the Pseudo-Idle mode.
2. If some interrupts occur during the Pseudo-Idle mode, they will be delayed and processed,
according to their priority after the end of the conversion.
3. Concurrently with ADSST bit.
20.1.4
Configuration
The ADC configuration consists in programming the ADC clock as detailed in the Section "Clock
Generator", page 174. The ADC is enabled using the ADEN bit in ADCON register. As shown in
Figure 93, user must wait the setup time (T
SETUP) before launching any conversion.
Figure 20-4. ADC Configuration Flow
20.1.5
Conversion Launching
The conversion is launched by setting the ADSST bit in ADCON register, this bit remains set
during the conversion. As soon as the conversion is started, it takes 11 clock periods (TCONV)
before the data is available in ADDH and ADDL registers.
Figure 20-5. ADC Conversion Launching Flow
20.1.6
End Of Conversion
The end of conversion is signalled by the ADEOC flag in ADCON register becoming set or by the
ADSST bit in ADCON register becoming cleared. ADEOC flag can generate an interrupt if
ADC
Configuration
Enable ADC
ADIDL = x
ADEN = 1
Wait Setup Time
Program ADC Clock
ADCD4:0 = xxxxxb
ADC
Conversion Start
Select Channel
ADCS = 0-1
Start Conversion
ADSST = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com