Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51CC02UA-RATIM Datasheet(PDF) 139 Page - ATMEL Corporation

Part # T89C51CC02UA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02UA-RATIM Datasheet(HTML) 139 Page - ATMEL Corporation

Back Button T89C51CC02UA-RATIM Datasheet HTML 135Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 136Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 137Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 138Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 139Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 140Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 141Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 142Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 143Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 156 page
background image
139
AT/T89C51CC02
4126J–CAN–05/06
Table 113. IPH1 Register
IPH1 (S:F7h)
Interrupt high priority Register 1
Reset Value = XXXX X000b
76
54
32
1
0
-
-
-
-
POVRH
PADCH
PCANH
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2POVRH
Timer Overrun Interrupt Priority Level Most Significant bit
POVRH
POVRLPriority level
00
Lowest
01
10
1
1
Highest
1
PADCH
ADC Interrupt Priority Level Most Significant bit
PADCH
PADCL Priority level
00
Lowest
01
10
1
1
Highest
0
PCANH
CAN Interrupt Priority Level Most Significant bit
PCANH
PCANLPriority level
00
Lowest
01
10
1
1
Highest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com