Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CL-VD Datasheet(PDF) 38 Page - Realtek Semiconductor Corp.

Part # RTL8201CL-VD
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CL-VD Datasheet(HTML) 38 Page - Realtek Semiconductor Corp.

Back Button RTL8201CL-VD Datasheet HTML 31Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 32Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 33Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 34Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 35Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 36Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 37Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 38Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 39Page - Realtek Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
RTL8201CL
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
32
Track ID: JATR-1076-21 Rev. 1.24
9.1. Mechanical Dimensions Notes
Notes:
1.To be determined at seating plane -c-
2.Dimensions D1 and E1 do not include mold protrusion.
Symbol Dimension in
inchs
Dimension in
millimeters
D1 and E1 are maximum plastic body size dimensions
including mold mismatch.
Min
Nom
Max
Min
Nom
Max
3.Dimension b does not include dambar protrusion.
A
-
-
0.067
-
-
1.70
Dambar can not be located on the lower radius of the
foot.
A1
0.000
0.004
0.008
0.00
0.1
0.20
4.Exact shape of each corner is optional.
A2
0.051
0.055
0.059
1.30
1.40
1.50
5.These dimensions apply to the flat section of the lead
b
0.006
0.009
0.011
15
0.22
0.29
between 0.10 mm and 0.25 mm from the lead tip.
b1
0.006
0.008
0.010
0.15
0.20
0.25
6. A1 is defined as the distance from the seating plane to
the lowest point of the package body.
c1
0.004
-
0.006
0.09
-
0.16
7.Controlling dimension: millimeter.
D
0.354 BSC
9.00 BSC
8. Reference document: JEDEC MS-026, BBC
D1
0.276 BSC
7.00 BSC
E
0.354 BSC
9.00 BSC
TITLE: 48LD LQFP (7x7x1.4mm)
E1
0.276 BSC
7.00 BSC
PACKAGE OUTLINE DRAWING, FOOTPRINT 2.0mm
e
0.020 BSC
0.50 BSC
LEADFRAME MATERIAL:
L
0.016
0.024
0.031
0.40
0.60
0.80
DOC. NO.
L1
0.039 REF
1.00 REF
VERSION
1
θ
0
°
3.5
°
9
°
0
°
3.5
°
9
°
APPROVE
PAGE
OF
θ1
0
°
-
-
0
°
-
-
DWG NO.
SS048 - P1
θ2
12
° TYP
12
° TYP
CHECK
DATE
θ3
12
° TYP
12
° TYP
REALTEK SEMICONDUCTOR CORP.
www.DataSheet4U.net


Similar Part No. - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com