Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CL-VD Datasheet(PDF) 12 Page - Realtek Semiconductor Corp.

Part # RTL8201CL-VD
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CL-VD Datasheet(HTML) 12 Page - Realtek Semiconductor Corp.

Back Button RTL8201CL-VD Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 16Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
RTL8201CL
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
6
Track ID: JATR-1076-21 Rev. 1.24
5.4. 10Mbps/100Mbps Network Interface
Table 4. 10Mbps/100Mbps Network Interface
Name
Type
Pin No.
Description
TPTX+
TPTX-
O
O
34
33
Transmit Output.
Differential transmit output pair shared by 100Base-TX, 100Base-FX and
10Base-T modes. When configured as 100Base-TX, output is an MLT-3 encoded
waveform. When configured as 100Base-FX, the output is pseudo-ECL level.
RTSET
I
28
Transmit Bias Resistor Connection.
This pin should be pulled to GND by a 2KΩ (1%) resistor to define driving
current for the transmit DAC. The resistance value may be changed, depending
on experimental results of the RTL8201CL.
TPRX+
TPRX-
I
I
31
30
Receive Input.
Differential receive input pair shared by 100Base-TX, 100Base-FX, and
10Base-T modes.
5.5. Device Configuration Interface
Table 5. Device Configuration Interface
Name
Type
Pin No.
Description
ISOLATE
I
43
Set high to isolate the RTL8201CL from the MAC. This will also isolate the MDC/MDIO
management interface. In this mode, the power consumption is minimum. This pin can be
directly connected to GND or VCC.
RPTR
I
40
Set high to put the RTL8201CL into repeater mode. This pin can be directly
connected to GND or VCC.
SPEED
LI
39
This pin is latched to input during a power on or reset condition. Set high to put
the RTL8201CL into 100Mbps operation. This pin can be directly connected to GND
or VCC.
DUPLEX
LI
38
This pin is latched to input during a power on or reset condition. Set high to
enable full duplex. This pin can be directly connected to GND or VCC.
ANE
LI
37
This pin is latched to input during a power on or reset condition. Set high to
enable Auto-negotiation mode, set low to force mode. This pin can be directly
connected to GND or VCC.
LDPS
I
41
Set high to put the RTL8201CL into LDPS mode. This pin can be directly connected
to GND or VCC. See 7.7 Power Down, Link Down, Power Saving, and Isolation
Modes, page 20, for more information.
MII/SNIB
LI/O
44
This pin is latched to input during a power on or reset condition. Pull high to set
the RTL8201CL into MII mode operation. Set low for SNI mode. This pin can be
directly connected to GND or VCC.
5.6. LED Interface/PHY Address Configuration
These five pins are latched into the RTL8201CL during power up reset to configure the PHY address
[0:4] used for the MII management register interface. In normal operation, after initial reset, they are used
as driving pins for status indicator LEDs. The driving polarity, active low or active high, is determined by
each latched status of the PHY address [4:0] during power-up reset. If the latched status is High, then it
will be active low. If the latched status is Low, then it will be active high. See section 7.5 LED and PHY
Address Configuration, page 19, for more information.
www.DataSheet4U.net


Similar Part No. - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com