Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CL-VD Datasheet(PDF) 22 Page - Realtek Semiconductor Corp.

Part # RTL8201CL-VD
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CL-VD Datasheet(HTML) 22 Page - Realtek Semiconductor Corp.

Back Button RTL8201CL-VD Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 26Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
RTL8201CL
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
16
Track ID: JATR-1076-21 Rev. 1.24
7.2. Auto-Negotiation and Parallel Detection
The RTL8201CL supports IEEE 802.3u clause 28 Auto-negotiation for operation with other transceivers
supporting auto-negotiation. The RTL8201CL can auto detect the link partner’s abilities and determine
the highest speed/duplex configuration possible between the two devices. If the link partner does not
support auto-negotiation, then the RTL8201CL will enable half duplex mode and enter parallel detection
mode. The RTL8201CL will default to transmit FLP (Fast Link Pulse) and wait for the link partner to
respond. If the RTL8201CL receives FLP, then the auto-negotiation process will go on. If it receives NLP
(Normal Link Pulse), then the RTL8201CL will change to 10Mbps and half duplex mode. If it receives a
100Mbps IDLE pattern, it will change to 100Mbps and half duplex mode.
To enable auto-negotiation mode operation on the RTL8201CL, pull the ANE (Auto-Negotiation Enable)
pin high. The SPEED and DUPLEX pins will set the ability content of the auto-negotiation register.
Auto-negotiation mode can be externally disabled by pulling the ANE pin low. In this case, the SPEED
pin and DUPLEX pin will change the media configuration of the RTL8201CL.
Below is a list of all configurations of the ANE/SPEED/DUPLEX pins and their operation in Fiber or
UTP mode.
7.2.1.
Setting the Medium Type and Interface Mode to MAC
Table 22. Setting the Medium Type and Interface Mode to MAC
FX (Pin 24)
MII/SNIB (Pin 44)
Operation Mode
L
H
UTP mode and MII interface.
L
L
UTP mode and SNI interface.
H
X
Fiber mode and MII interface.
7.2.2.
UTP Mode and MII Interface
Table 23. UTP Mode and MII Interface
ANE
(Pin 37)
SPEED
(Pin 39)
DUPLEX
(Pin 38)
Operation
H
L
L
Auto-negotiation enabled. The ability field does not support 100Mbps or
full duplex mode operation.
H
L
H
Auto-negotiation enabled. The ability field does not support 100Mbps
operation.
H
H
L
Auto-negotiation enabled. The ability field does not support full duplex
mode operation.
H
H
H
Default setup, auto-negotiation enabled. The RTL8201CL supports 10Base-
T /100Base-TX, half/full duplex mode operation.
L
L
L
Auto-negotiation disabled. Forces the RTL8201CL into 10Base-T and half
duplex mode.
L
L
H
Auto-negotiation disabled. Forces the RTL8201CL into 10Base-T and full
duplex mode.
L
H
L
Auto-negotiation disabled. Forces the RTL8201CL into 100Base-TX and half
duplex mode.
L
H
H
Auto-negotiation disabled. Forces the RTL8201CL into 100Base-TX and full
duplex mode.
www.DataSheet4U.net


Similar Part No. - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
logo
Realtek Semiconductor C...
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com