Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CL-VD Datasheet(PDF) 26 Page - Realtek Semiconductor Corp.

Part # RTL8201CL-VD
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CL-VD Datasheet(HTML) 26 Page - Realtek Semiconductor Corp.

Back Button RTL8201CL-VD Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 28Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 29Page - Realtek Semiconductor Corp. RTL8201CL-VD Datasheet HTML 30Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
RTL8201CL
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
20
Track ID: JATR-1076-21 Rev. 1.24
7.6. Serial Network Interface
The RTL8201CL also supports the traditional 7-wire serial interface to operate with legacy MACs or
embedded systems. To setup for this mode of operation, pull the MII/SNIB pin low. By doing so, the
RTL8201CL will ignore the setup of the ANE and SPEED pins. In this mode, the RTL8201CL will set
the default operation to 10Mbps and half-duplex mode.
Note: The RTL8201CL also supports full-duplex mode operation if the DUPLEX pin has been pulled high.
This interface consists of a 10Mbps transmit and receive clock generated by PHY, 10Mbps transmit and
receive serial data, transmit enable, collision detect, and carry sense signals.
7.7. Power Down, Link Down, Power Saving, and Isolation
Modes
The RTL8201CL offers four types of Power Saving mode operation. This section describes how to
implement each mode. The first three modes are configured through software, and the fourth through
hardware.
Table 28. Power Saving Mode Pin Settings
Mode
Description
Analog Off
Setting bit 11 of register 17 to 1 will put the RTL8201CL into analog off state. In analog off state,
the RTL8201CL will power down all analog functions such as transmit, receive, PLL, etc. However,
the internal 25MHz crystal oscillator will not be powered down. Digital functions in this mode are
still available, which allows reacquisition of analog functions
LDPS
Setting bit 12 of register 17 to 1, or pulling the LDPS pin high will put the RTL8201CL into LDPS
(Link Down Power Saving) mode. In LDPS mode, the RTL8201CL will detect the link status to
decide whether or not to turn off the transmit function. If the link is off, FLP or 100Mbps
IDLE/10Mbps NLP will not be transmitted. However, some signals similar to NLP will be
transmitted. Once the receiver detects leveled signals, it will stop the signal and transmit FLP or
100Mbps IDLE/10Mbps NLP again. This can cut power used by 60%~80% when the link is down.
PWD
Setting bit 11 of register 0 to 1 puts the RTL8201CL into power down mode. This is the maximum
power saving mode while the RTL8201CL is still alive. In PWD mode, the RTL8201CL will turn off
all analog/digital functions except the MDC/MDIO management interface. Therefore, if the
RTL8201CL is put into PWD mode and the MAC wants to recall the PHY, it must create the
MDC/MDIO timing by itself (this is done by software).
Isolation
This mode is different from the three previous software configured power saving modes. This mode
is configured by hardware pin 43. Setting pin 43 high will isolate the RTL8201CL from the Media
Access Controller (MAC) and the MDC/MDIO management interface. In this mode, power
consumption is minimal.
7.8. Media Interface
7.8.1.
100Base-TX
100Base-TX Transmit Function
Transmit data in 4-bit nibbles (TXD[3:0]) clocked at 25MHz (TXC) is transformed into 5B symbol code
(4B/5B encoding). Scrambling, serializing, and conversion to 125MHz, and NRZ to NRZI then takes
place. After this process, the NRZI signal is passed to the MLT-3 encoder, then to the transmit line driver.
www.DataSheet4U.net


Similar Part No. - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CL-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com