Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS324 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AS324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS324 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AS324_06 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS324_06 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
Data Sheet
9
Apr. 2007 Rev. 1.6
BCD Semiconductor Manufacturing Limited
Typical Applications (Continued)
Figure 20. Pulse Generator
Figure 19. AC Coupled Non-Inverting Amplifier
Figure 21. DC Coupled Low-Pass RC Active Filter
Figure 18. Fixed Current Sources
V
CC
R4
3k
R3
2k
+
-
2V
+
-
2V
I1
I2
1mA
1/4 AS324/A
R1
2k
R2
-
+
V
O
R2 16k
R1 16k
V
IN
R3
100k
1/4 AS324/A
R4
100k
C2
0.01
µF
C1 0.01
µF
f
O
V
O
0
f
O=1kHz
Q=1
A
V=2
+
-
R5 100k
R3 100k
R4
100k
R2 100k
R1
1M
V
O
V
CC
1/4 AS324/A
0.001
µF
-
+
R4 100k
V
CC
R3
1M
R1 100k
R2 1M
C1
0.1
µF
C
IN
R5
100k
C
O
V
O
1/4 AS324/A
R
L
10k
C2
10
µF
A
V=1+R2/R1
A
V=11 (As shown)
-
+
AC
R
B
6.2k


Similar Part No. - AS324_06

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_07 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - AS324_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com