Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE27CA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # P6KE27CA
Description  600W TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P6KE27CA Datasheet(HTML) 2 Page - Diodes Incorporated

  P6KE27CA Datasheet HTML 1Page - Diodes Incorporated P6KE27CA Datasheet HTML 2Page - Diodes Incorporated P6KE27CA Datasheet HTML 3Page - Diodes Incorporated P6KE27CA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS21502 Rev. 17 - 2
2 of 4
P6KE6V8(C)A - P6KE400(C)A
www.diodes.com
Type
Number
(Note 2)
Type
Number
(Note 2)
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max
Reverse
Leakage
(Note 3)
@VR
Max
Clamping
Voltage
@Ipp
Max Peak
Pulse
Current
(UNI)
(BI)
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR
(mA)
VC (V)
IPP (A)
P6KE6V8A
P6KE6V8CA
5.80
6.45
7.14
10
1000
10.5
57.0
P6KE7V5A
P6KE7V5CA
6.40
7.13
7.88
10
500
11.3
53.0
P6KE8V2A
P6KE8V2CA
7.02
7.79
8.61
10
200
12.1
50.0
P6KE9V1A
P6KE9V1CA
7.78
8.65
9.55
1.0
50
13.4
45.0
P6KE10A
P6KE10CA
8.55
9.50
10.50
1.0
10
14.5
41.0
P6KE11A
P6KE11CA
9.40
10.50
11.60
1.0
5.0
15.6
38.0
P6KE12A
P6KE12CA
10.20
11.40
12.60
1.0
5.0
16.7
36.0
P6KE13A
P6KE13CA
11.10
12.40
13.70
1.0
5.0
18.2
33.0
P6KE15A
P6KE15CA
12.80
14.30
15.80
1.0
5.0
21.2
28.0
P6KE16A
P6KE16CA
13.60
15.20
16.80
1.0
5.0
22.5
27.0
P6KE18A
P6KE18CA
15.30
17.10
18.90
1.0
5.0
25.2
24.0
P6KE20A
P6KE20CA
17.10
19.00
21.00
1.0
5.0
27.7
22.0
P6KE22A
P6KE22CA
18.80
20.90
23.10
1.0
5.0
30.6
20.0
P6KE24A
P6KE24CA
20.50
22.80
25.20
1.0
5.0
33.2
18.0
P6KE27A
P6KE27CA
23.10
25.70
28.40
1.0
5.0
37.5
16.0
P6KE30A
P6KE30CA
25.60
28.50
31.50
1.0
5.0
41.4
14.40
P6KE33A
P6KE33CA
28.20
31.40
34.70
1.0
5.0
45.7
13.20
P6KE36A
P6KE36CA
30.80
34.20
37.80
1.0
5.0
49.9
12.00
P6KE39A
P6KE39CA
33.30
37.10
41.00
1.0
5.0
53.9
11.20
P6KE43A
P6KE43CA
36.80
40.90
45.20
1.0
5.0
59.3
10.10
P6KE47A
P6KE47CA
40.20
44.70
49.40
1.0
5.0
64.8
9.30
P6KE51A
P6KE51CA
43.60
48.50
53.60
1.0
5.0
70.1
8.60
P6KE56A
P6KE56CA
47.80
53.20
58.80
1.0
5.0
77.0
7.80
P6KE62A
P6KE62CA
53.00
58.90
65.10
1.0
5.0
85.0
7.10
P6KE68A
P6KE68CA
58.10
64.60
71.40
1.0
5.0
92.0
6.50
P6KE75A
P6KE75CA
64.10
71.30
78.80
1.0
5.0
103.0
5.80
P6KE82A
P6KE82CA
70.10
77.90
86.10
1.0
5.0
113.0
5.30
P6KE91A
P6KE91CA
77.80
86.50
95.50
1.0
5.0
125.0
4.80
P6KE100A
P6KE100CA
85.50
95.00
105.00
1.0
5.0
137.0
4.40
P6KE110A
P6KE110CA
94.00
105.00
116.00
1.0
5.0
152.0
4.00
P6KE120A
P6KE120CA
102.00
114.00
126.00
1.0
5.0
165.0
3.60
P6KE130A
P6KE130CA
111.00
124.00
137.00
1.0
5.0
179.0
3.30
P6KE150A
P6KE150CA
128.00
143.00
158.00
1.0
5.0
207.0
2.90
P6KE160A
P6KE160CA
136.00
152.00
168.00
1.0
5.0
219.0
2.70
P6KE170A
P6KE170CA
145.00
162.00
179.00
1.0
5.0
234.0
2.60
P6KE180A
P6KE180CA
154.00
171.00
189.00
1.0
5.0
246.0
2.40
P6KE200A
P6KE200CA
171.00
190.00
210.00
1.0
5.0
274.0
2.20
P6KE220A
P6KE220CA
185.00
209.00
231.00
1.0
5.0
328.0
1.83
P6KE250A
P6KE250CA
214.00
237.00
263.00
1.0
5.0
344.0
1.75
P6KE300A
P6KE300CA
256.00
285.00
315.00
1.0
5.0
414.0
1.45
P6KE350A
P6KE350CA
300.00
332.00
368.00
1.0
5.0
482.0
1.25
P6KE400A
P6KE400CA
342.00
380.00
420.00
1.0
5.0
548.0
1.10
Notes:
2. Suffix ‘C’ denotes bidirectional device.
3. For bidirectional devices having VR of 10 volts and under, the IR limit is doubled.


Similar Part No. - P6KE27CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE27CA PANJIT-P6KE27CA Datasheet
62Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
STMicroelectronics
P6KE27CA STMICROELECTRONICS-P6KE27CA Datasheet
78Kb / 6P
UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
November 1998 - Ed: 2A
logo
Surge Components
P6KE27CA SURGE-P6KE27CA Datasheet
201Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Transys Electronics
P6KE27CA TRSYS-P6KE27CA Datasheet
211Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6KE27CA WTE-P6KE27CA Datasheet
62Kb / 5P
600W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P6KE27CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
600w Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
600w Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
600W Transient Voltage Suppressor
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com