Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP785GB-S Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TLP785GB-S
Description  Photocoupler GaAs IRED & Photo
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TLP785GB-S Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TLP785GB-S Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785GB-S Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785GB-S Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785GB-S Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785GB-S Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785GB-S Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785GB-S Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785GB-S Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Recommended Operating Conditions (Note)
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
5
24
V
Forward current
IF
16
25
mA
Collector current
IC
1
10
mA
Operating temperature
Topr
−25
85
°C
(Note): Recommended operating conditions are given as a design guideline
to obtain expected performance of the device.
Additionally, each item is an independent guideline respectively.
In developing designs using this product, please confirm
specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0V, f = 1 MHz
30
pF
Collector−emitter
breakdown voltage
V(BR) CEO
IC = 0.5 mA
80
V
Emitter−collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
V
VCE = 24 V
0.01
0.1
μA
Collector dark current
ID(ICEO)
VCE = 24 V ,Ta = 85°C
0.6
50
μA
Capacitance
(collector to emitter)
CCE
V = 0V, f = 1 MHz
6
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
50
600
Current transfer ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
600
%
60
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
%
IC = 2.4 mA, IF = 8 mA
0.4
0.2
Collector−emitter saturation
voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
0.4
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance
(input to output)
CS
VS = 0V, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V
1×10
12
10
14
AC, 1 minute
5000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc
UMW TLP785
UMW
R
UMW TLP785
UMW TLP785
3
www.umw-ic.com
友台半导体有限公司
UMW TLP785
UMW
R
UMW TLP785
UMW TLP785


Similar Part No. - TLP785GB-S

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
TLP785GB UMW-TLP785GB Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
More results

Similar Description - TLP785GB-S

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
TLP785GB UMW-TLP785GB Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
logo
Toshiba Semiconductor
TLP283 TOSHIBA-TLP283_07 Datasheet
306Kb / 7P
   PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
   Photocoupler GaAs Ired & Photo-Triac
TLP176D TOSHIBA-TLP176D_07 Datasheet
133Kb / 6P
   Photocoupler GaAs IRED & Photo-MOSFET
TLP666G TOSHIBA-TLP666G Datasheet
157Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP421 TOSHIBA-TLP421 Datasheet
188Kb / 9P
   Photocoupler GaAs Ired & Photo - Transistor
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP281 TOSHIBA-TLP281_07 Datasheet
271Kb / 8P
   PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com