Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP785BL-S Datasheet(PDF) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TLP785BL-S
Description  Photocoupler GaAs IRED & Photo
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TLP785BL-S Datasheet(HTML) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TLP785BL-S Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785BL-S Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785BL-S Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785BL-S Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785BL-S Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785BL-S Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785BL-S Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TLP785BL-S Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ICEO-Ta
I C -V CE
0.0001
0.001
0.01
0.1
1
10
0
2040
6080
100
0
20
40
60
80
02
46
8
10
Ambient temperature Ta (°C)
Collector-emitter voltage
VCE (V)
I C -V CE
I C -I F
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1
1.2
Collector-emitter voltage
VCE (V)
0.01
0.1
1
10
100
0.1
1
10
100
I C/ I F -I F
Collector-emitter voltage
VCE (V)
1
10
100
1000
0.1
1
10
100
Forward current IF (mA)
5
10
50
30
20
15
Ta=25˚C
I F=2 m A
VCE=5V
VCE=0.4V
Ta=25˚C
Ta=25˚C
5
10
50
30
20
15
I F=2 m A
VCE=5V
VCE=0.4V
Ta=25˚C
VCE =24V
7
www.umw-ic.com
友台半导体有限公司
UMW TLP785
UMW
R
UMW TLP785
UMW TLP785


Similar Part No. - TLP785BL-S

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
TLP785BL-S UMW-TLP785BL-S Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
More results

Similar Description - TLP785BL-S

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
TLP785GB UMW-TLP785GB Datasheet
985Kb / 8P
   Photocoupler GaAs IRED & Photo
logo
Toshiba Semiconductor
TLP283 TOSHIBA-TLP283_07 Datasheet
306Kb / 7P
   PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
   Photocoupler GaAs Ired & Photo-Triac
TLP176D TOSHIBA-TLP176D_07 Datasheet
133Kb / 6P
   Photocoupler GaAs IRED & Photo-MOSFET
TLP666G TOSHIBA-TLP666G Datasheet
157Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP421 TOSHIBA-TLP421 Datasheet
188Kb / 9P
   Photocoupler GaAs Ired & Photo - Transistor
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP281 TOSHIBA-TLP281_07 Datasheet
271Kb / 8P
   PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com