Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M750000005 Datasheet(PDF) 123 Page - SPANSION

Part # M750000005
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000005 Datasheet(HTML) 123 Page - SPANSION

Back Button M750000005 Datasheet HTML 119Page - SPANSION M750000005 Datasheet HTML 120Page - SPANSION M750000005 Datasheet HTML 121Page - SPANSION M750000005 Datasheet HTML 122Page - SPANSION M750000005 Datasheet HTML 123Page - SPANSION M750000005 Datasheet HTML 124Page - SPANSION M750000005 Datasheet HTML 125Page - SPANSION M750000005 Datasheet HTML 126Page - SPANSION M750000005 Datasheet HTML 127Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 129 page
background image
January 14, 2004
Am75PDL191CHHa/Am75PDL193CHHa
121
ADV ANCE
I N FO RMAT I O N
PSRAM AC CHARACTERISTICS
Figure 28.
Standby Mode State Machines
Standby Mode Characteristic
AC Characteristics (V
CC= 2.7-3.1 V, TA= -40 to 85°C)
t
WP (min)= 70 ns for continuous write operation over 50 times.
CS2s =V
IL
CS#1s =V
IH
CS #1=V IL, UB or/and LB=VIL
Power On
Initial State
(Wait 200
µs)
Active
Standby
Mode
Deep Power
Down Mode
CS2s =V
IH
CS#1s=V IH and CS2s =VIH
CS2s =V
IL
CS#1s =V
IH
, CS2s =VIH
CS2s =V
IH
Power Mode
Memory Cell Data
Standby Current (
µA)
Wait Time (
µs)
Standby
Valid
80
0
Deep Power Down
Invalid
20
200
Parameter List
Symbol
Speed Bins
Units
70 ns
Min
Max
Read
Read Cycle Time
t
RC
70
-
ns
Address Access Time
t
AA
-70
ns
Chip Select to Output
t
CO
-70
ns
Output Enable to Valid Output
t
OE
-35
ns
UB#, LB# Access Time
t
BA
-70
ns
Chip Select to Low-Z Output
t
LZ
10
-
ns
UB#, LB# Enable to Low-Z Output
t
BLZ
10
-
ns
Output Enable to Low-Z Output
t
OLZ
5-
ns
Chip Disable to High-Z Output
t
HZ
025
ns
UB#, LB# Disable to High-Z Output
t
BHZ
025
ns
Output Disable to High-Z Output
t
OHZ
025
ns
Output Hold from Address Change
t
OH
5-
ns
Write
Write Cycle Time
t
WC
70
-
ns
Chip Select to End of Write
t
CW
60
-
ns
Address Set-up Time
t
AS
0-
ns
Address Valid to End of Write
t
AW
60
-
ns
UB#, LB# Valid to End of Write
t
BW
60
-
ns
Write Pulse Width
t
WP
55
(Note 1)
-ns
Write Recovery Time
t
WR
0-
ns
Write to Output High-Z
t
WHZ
025
ns
Data to Write Time Overlap
t
DW
30
-
ns
Data Hold from Write Time
t
DH
0-
ns
End Write to Output Low-Z
t
OW
5-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com