Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M750000006 Datasheet(PDF) 125 Page - SPANSION

Part # M750000006
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000006 Datasheet(HTML) 125 Page - SPANSION

Back Button M750000006 Datasheet HTML 121Page - SPANSION M750000006 Datasheet HTML 122Page - SPANSION M750000006 Datasheet HTML 123Page - SPANSION M750000006 Datasheet HTML 124Page - SPANSION M750000006 Datasheet HTML 125Page - SPANSION M750000006 Datasheet HTML 126Page - SPANSION M750000006 Datasheet HTML 127Page - SPANSION M750000006 Datasheet HTML 128Page - SPANSION M750000006 Datasheet HTML 129Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 125 / 129 page
background image
February 6, 2004
Am75PDL191BHHa/Am75PDL193BHHa
123
ADV ANCE
I N FO RMAT I O N
TIMING DIAGRAMS
Notes: Write Cycle
1. A write occurs during the overlap (t
WP) of low CS#1s and low WE#. A write begins when CS#1s goes low and WE# goes low
with asserting UB# or LB# for single byte operation or simultaneously asserting UB# and LB# for double byte operation. A
write ends at the earliest transition when CS#1s goes high and WE# goes high. The t
WP is measured from the beginning of
write to the end of write.
2. t
CW is measured from the CS#1s going low to the end of write.
3. t
AS is measured from the address valid to the beginning of write.
4. t
WR is measured from the end of write to the address change. tWR is applied in case a write ends with CS#1s or WE# going high.
Notes: Deep Power Down Mode
1. When you toggle CS2s pin low, the device gets into the Deep Power Down mode after 0.5 ms suspend period.
2. To return to normal operation, the device needs Wake-up period.
3. Wake Up sequence is just the same as Power Up sequence.
Figure 31.
Timing Waveform of Write Cycle 3
Address
Data Valid
UB#, LB#
WE#
Data in
Data out
High-Z
High-Z
tWC
tCW(2)
tBW
tWP(1)
tDH
tDW
tWR(4)
tAW
tAS(3)
CS#1s
Address
Data Valid
UB#, LB#
WE#
Data in
Data out
High-Z
High-Z
tWC
tCW(2)
tBW
tWP(1)
tDH
tDW
tWR(4)
tAW
tAS(3)
CS#1s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com