Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M750000007 Datasheet(PDF) 123 Page - SPANSION

Part # M750000007
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000007 Datasheet(HTML) 123 Page - SPANSION

Back Button M750000007 Datasheet HTML 119Page - SPANSION M750000007 Datasheet HTML 120Page - SPANSION M750000007 Datasheet HTML 121Page - SPANSION M750000007 Datasheet HTML 122Page - SPANSION M750000007 Datasheet HTML 123Page - SPANSION M750000007 Datasheet HTML 124Page - SPANSION M750000007 Datasheet HTML 125Page - SPANSION M750000007 Datasheet HTML 126Page - SPANSION M750000007 Datasheet HTML 127Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 129 page
background image
February 6, 2004
Am75PDL191BHHa/Am75PDL193BHHa
121
ADV ANCE
I N FO RMAT I O N
TIMING DIAGRAMS
Figure 27.
Timing Waveform of Read Cycle 1
Figure 28.
Timing Waveform of Read Cycle 2
Notes:
1. t
HZ and tOZ are defined as the time at which the outputs
achieve the open circuit conditions and are not
referenced to output voltage levels.
2. At any given temperature and voltage condition, t
HZ (Max) is
less than t
LZ (Min) both for a given device and from device
interconnection.
3. t
OE (Max) is met only when OE# becomes enabled after tAA
(Max).
4. If invalid address signals shorter than min. t
RC are
continuously repeated for over 4 us, the device needs a
normal read timing (t
RC) or needs to sustain standby state
for min. t
RC at least once in every 4 us.
Address
Data Out
Previous Data Valid
Data Valid
tAA
tRC
tOH
Data Valid
High-Z
tRC
tOH
tAA
tBA
tOE
tOLZ
t BLZ
t LZ
t OHZ
t BHZ
t HZ
tCO
Address
CS#1s
UB#, LB#
OE#
Data out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com