Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT100 Datasheet(PDF) 8 Page - Quantum Research Group

Part # QT100
Description  CHARGE-TRANSFER QTOUCH??IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT100 Datasheet(HTML) 8 Page - Quantum Research Group

Back Button QT100_07 Datasheet HTML 4Page - Quantum Research Group QT100_07 Datasheet HTML 5Page - Quantum Research Group QT100_07 Datasheet HTML 6Page - Quantum Research Group QT100_07 Datasheet HTML 7Page - Quantum Research Group QT100_07 Datasheet HTML 8Page - Quantum Research Group QT100_07 Datasheet HTML 9Page - Quantum Research Group QT100_07 Datasheet HTML 10Page - Quantum Research Group QT100_07 Datasheet HTML 11Page - Quantum Research Group QT100_07 Datasheet HTML 12Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
4.5 DC Specifications
VDD = 3.0V, Cs = 10nF, Cx = 5pF, Ta = recommended range, unless otherwise noted
bits
14
9
Acquisition resolution
AR
pF
100
0
Load capacitance range
CX
µA
±1
Input leakage current
IIL
OUT, 1mA source
V
VDD-0.7
High output voltage
VOH
OUT, 4mA sink
V
0.6
Low output voltage
VOL
V
2.2
High input logic level
VHL
V
0.8
Low input logic level
VIL
Required for proper start-up
V/s
100
Supply turn-on slope
VDDS
2V
3V
5V
µA
9
15
35
Supply current, LP Mode
Iddl
Depending on supply and run mode
µA
600
5
Supply current
IDD
V
5.25
2
Supply voltage
VDD
Notes
Units
Max
Typ
Min
Description
Parameter
4.6 Mechanical Dimensions
L
H
h
M
Aa W
D
e
E
ø
02NN
Pin 1
10º
10º
Ø
0.008
0.004
0.2
0.09
e
0.022
0.014
0.55
0.35
E
0.02
0.014
0.5
0.35
L
0.038 BSC
-
-
0.95 BSC
-
-
D
0.006
0
0.15
0.0
h
0.051
0.035
1.3
0.9
H
0.069
0.059
1.75
1.5
Aa
0.118
0.102
3.0
2.6
W
0.122
0.110
3.10
2.8
M
Notes
Max
Min
Notes
Max
Min
Inches
Millimeters
Symbol
Package type: SOT23-6
lQ
8
QT100_3R0.08_0307


Similar Part No. - QT100_07

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
More results

Similar Description - QT100_07

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT102 QUANTUM-QT102 Datasheet
178Kb / 18P
   QTOUCH??TOGGLE-MODE CHARGE-TRANSFER IC WITH POWER MANAGEMENT FUNCTIONS
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
   4-KEY CHARGE-TRANSFER IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
   CHARGE-TRANSFER QLEVEL SENSOR IC
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
   CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT60320 QUANTUM-QT60320 Datasheet
376Kb / 14P
   32 KEY QMATRIX CHARGE-TRANSFER IC
QT60320C QUANTUM-QT60320C Datasheet
375Kb / 14P
   32-KEY QMATRIX CHARGE-TRANSFER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com