Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT110-IG Datasheet(PDF) 8 Page - Quantum Research Group

Part # QT110-IG
Description  QTOUCH??SENSOR IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT110-IG Datasheet(HTML) 8 Page - Quantum Research Group

Back Button QT110-IG Datasheet HTML 4Page - Quantum Research Group QT110-IG Datasheet HTML 5Page - Quantum Research Group QT110-IG Datasheet HTML 6Page - Quantum Research Group QT110-IG Datasheet HTML 7Page - Quantum Research Group QT110-IG Datasheet HTML 8Page - Quantum Research Group QT110-IG Datasheet HTML 9Page - Quantum Research Group QT110-IG Datasheet HTML 10Page - Quantum Research Group QT110-IG Datasheet HTML 11Page - Quantum Research Group QT110-IG Datasheet HTML 12Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
4.1 ABSOLUTE MAXIMUM SPECIFICATIONS
Operating temp................................................................. as designated by suffix
Storage temp......................................................................... -55OC to +125OC
VDD.................................................................................... -0.5 to +6.5V
Max continuous pin current, any control or drive pin................................................ ±20mA
Short circuit duration to ground, any pin........................................................... infinite
Short circuit duration to VDD, any pin.............................................................. infinite
Voltage forced onto any pin..................................................... -0.6V to (Vdd + 0.6) Volts
4.2 RECOMMENDED OPERATING CONDITIONS
VDD..................................................................................... +2.5 to 5.5V
Supply ripple+noise..................................................................... 10mV p-p max
Max Cx load capacitance........................................................................ 20pF
Cs value..................................................................... 10nF ~ 22nF X7R ceramic
Rs value................................................................................................... 470K 5%
4.3 AC SPECIFICATIONS
Vdd = 3.0, Cs = 10nF, Rs = 470K, Cx = 10pF, Ta = 20OC, unless otherwise noted.
kHz
165
Burst frequency
FQ
µs
300
Heartbeat pulse width
THB
ms
75
Pulse output width on Out
TPO
ms
75
Piezo drive duration
TP
kHz
4.4
4
3.6
Piezo drive frequency
FP
ms
129
Response time
TR
ms
7
0.5
Burst length
TBL
@ 5.0V Vdd
@ 3.3V Vdd
ms
ms
75
95
Burst spacing interval
TBS
µs
2
Charge, transfer duration
TQ
ms
550
Recalibration time
TRC
Notes
Units
Max
Typ
Min
Description
Parameter
4.4 SIGNAL PROCESSING
Vdd = 3.0, Cs = 10nF, Rs = 470K, Cx = 10pF, Ta = 20OC, unless otherwise noted.
Note 3
secs
60
10
Post-detection recalibration timer duration
ms/level
75
Negative drift compensation rate
ms/level
750
Positive drift compensation rate
samples
4
Consensus filter length
Note 2
%
50
Hysteresis
Note 1
%
6.25
Threshold differential, low gain
Note 1
%
4.7
Threshold differential, medium gain
Note 1
%
3.1
Threshold differential, high gain
Notes
Units
Max
Typ
Min
Description
Note 1: Of absolute full scale signal
Note 2: Of signal threshold
Note 3: Strap option.
LQ
8
QT110 R1.04/0405


Similar Part No. - QT110-IG

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
SENSOR ICs
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
10 KEY QTOUCH SENSOR IC
QT1100A-ISG QUANTUM-QT1100A-ISG Datasheet
561Kb / 42P
10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
10 KEY QTOUCH SENSOR IC
QT1101-IS48G QUANTUM-QT1101-IS48G Datasheet
234Kb / 16P
10 KEY QTOUCH SENSOR IC
More results

Similar Description - QT110-IG

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
2 KEY QTOUCH SENSOR IC
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
4 KEY QTOUCH SENSOR IC
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
10 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
4 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com