Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1523BA Datasheet(PDF) 1 Page - MTRONPTI

Part # K1523BA
Description  14 DIP, 5.0 Volt, TTL/HCMOS, VCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K1523BA Datasheet(HTML) 1 Page - MTRONPTI

  K1523BA_07 Datasheet HTML 1Page - MTRONPTI K1523BA_07 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
K1523BA Series
14 DIP, 5.0 Volt, TTL/HCMOS, VCXO
Revision: 03-09-07
APPLICATIONS Phase-Locked Loops
(PLL’s); Clock Recovery; Reference Signal
Tracking; Synthesizers; Frequency
Modulation/Demodulation
25.0 to 35.0 MHz Frequency Range
0.5V to 4.5V Control Voltage
±25ppm Stability
Variety of Deviation Sensitivity Options
-40°C to 85°C Operating Temperature
ELECTRICAL SPECIFICATIONS
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
����
���
�����
����
�����
�����
���
���
���
���
���
���
����
���
���
���
����
���
�����
K1523BA Series
Voltage Controlled Crystal Oscillators
PART NUMBERING GUIDE
K1523BA X - Specify Frequency
“Blank” = 0°C to 70°C Operating Temp.
“M” = -40°C to +85°C Operating Temp.
Model
K1523BA
Frequency Range (MHz)
Input Current (mA)
25 to 33
33.1 to 35
< 26
Frequency Control Function
Deviation (ppm)
Minimum
Maximum
±190
Linearity (%)
±100
Modulation Bandwidth (±3dB)
Nominal Control Voltage (V)
Control Voltage Range (V)
Transfer Function
Input Impedance
< 10
> 20KHz
2.5
0.5 to 4.5
Positive
> 50KΩ @ 10KHz
Frequency Stability (ppm)
Overall
-40oC to +85oC
0oC to +70oC
Temperature Range (oC)
Inclusive of Calibration, Temperature, Voltage, Load and Aging
±25
±40
±50
±55
Operating
Storage
-40oC to +85oC
-40oC to +125oC
Supply Voltage (V)
Symmetry (%) CMOS/TTL
Start Up Time (ms)
+5.0V ±5%
40/60
<10
SSB Phase Noise (dBC/Hz)
Offset from Carrier
10Hz
-65
100Hz
1KHz
10KHz
100KHz
-95
-120
-140
-150
(For Custom Deviation Range, Vc Range, etc. - Consult Factory)
APPLICATIONS Phase-Locked Loops
(PLL’s); Clock Recovery; Reference Signal
Tracking; Synthesizers; Frequency
Modulation/Demodulation
25.0 to 35.0 MHz Frequency Range
0.5V to 4.5V Control Voltage
±25ppm Stability
Variety of Deviation Sensitivity Options
-40°C to 85°C Operating Temperature
ELECTRICAL SPECIFICATIONS
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
����
���
�����
����
�����
�����
���
���
���
���
���
���
����
���
���
���
����
���
�����
K1523BA Series
Voltage Controlled Crystal Oscillators
PART NUMBERING GUIDE
K1523BA X - Specify Frequency
“Blank” = 0°C to 70°C Operating Temp.
“M” = -40°C to +85°C Operating Temp.
Model
K1523BA
Frequency Range (MHz)
Input Current (mA)
25 to 33
33.1 to 35
< 26
Frequency Control Function
Deviation (ppm)
Minimum
Maximum
±190
Linearity (%)
±100
Modulation Bandwidth (±3dB)
Nominal Control Voltage (V)
Control Voltage Range (V)
Transfer Function
Input Impedance
< 10
> 20KHz
2.5
0.5 to 4.5
Positive
> 50KΩ @ 10KHz
Frequency Stability (ppm)
Overall
-40oC to +85oC
0oC to +70oC
Temperature Range (oC)
Inclusive of Calibration, Temperature, Voltage, Load and Aging
±25
±40
±50
±55
Operating
Storage
-40oC to +85oC
-40oC to +125oC
Supply Voltage (V)
Symmetry (%) CMOS/TTL
Start Up Time (ms)
+5.0V ±5%
40/60
<10
SSB Phase Noise (dBC/Hz)
Offset from Carrier
10Hz
-65
100Hz
1KHz
10KHz
100KHz
-95
-120
-140
-150
(For Custom Deviation Range, Vc Range, etc. - Consult Factory)
APPLICATIONS Phase-Locked Loops
(PLL’s); Clock Recovery; Reference Signal
Tracking; Synthesizers; Frequency
Modulation/Demodulation
25.0 to 35.0 MHz Frequency Range
0.5V to 4.5V Control Voltage
±25ppm Stability
Variety of Deviation Sensitivity Options
-40°C to 85°C Operating Temperature
ELECTRICAL SPECIFICATIONS
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
����
���
�����
����
�����
�����
���
���
���
���
���
���
����
���
���
���
����
���
�����
K1523BA Series
Voltage Controlled Crystal Oscillators
PART NUMBERING GUIDE
K1523BA X - Specify Frequency
“Blank” = 0°C to 70°C Operating Temp.
“M” = -40°C to +85°C Operating Temp.
Model
K1523BA
Frequency Range (MHz)
Input Current (mA)
25 to 33
33.1 to 35
< 26
Frequency Control Function
Deviation (ppm)
Minimum
Maximum
±190
Linearity (%)
±100
Modulation Bandwidth (±3dB)
Nominal Control Voltage (V)
Control Voltage Range (V)
Transfer Function
Input Impedance
< 10
> 20KHz
2.5
0.5 to 4.5
Positive
> 50KΩ @ 10KHz
Frequency Stability (ppm)
Overall
-40oC to +85oC
0oC to +70oC
Temperature Range (oC)
Inclusive of Calibration, Temperature, Voltage, Load and Aging
±25
±40
±50
±55
Operating
Storage
-40oC to +85oC
-40oC to +125oC
Supply Voltage (V)
Symmetry (%) CMOS/TTL
Start Up Time (ms)
+5.0V ±5%
40/60
<10
SSB Phase Noise (dBC/Hz)
Offset from Carrier
10Hz
-65
100Hz
1KHz
10KHz
100KHz
-95
-120
-140
-150
(For Custom Deviation Range, Vc Range, etc. - Consult Factory)
THIS PRODUCT IS NOT RECOMMENDED FOR NEW DESIGNS.
PLEASE REFER TO THE MV PRODUCT SERIES.


Similar Part No. - K1523BA_07

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1523BA-R MTRONPTI-K1523BA-R Datasheet
313Kb / 2P
   14 DIP, 5.0 Volt, Sinewave, VCXO
K1523BAM MTRONPTI-K1523BAM Datasheet
313Kb / 2P
   14 DIP, 5.0 Volt, Sinewave, VCXO
K1523BAM-R MTRONPTI-K1523BAM-R Datasheet
313Kb / 2P
   14 DIP, 5.0 Volt, Sinewave, VCXO
More results

Similar Description - K1523BA_07

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MV11V1AD MTRONPTI-MV11V1AD Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV MTRONPTI-MV_07 Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MVH MTRONPTI-MVH Datasheet
256Kb / 1P
   8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
MVH MTRONPTI-MVH_07 Datasheet
303Kb / 1P
   8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
MTXO MTRONPTI-MTXO Datasheet
242Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, TCXO
MTXV MTRONPTI-MTXV Datasheet
58Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, TCVCXO
K1603T MTRONPTI-K1603T Datasheet
238Kb / 1P
   14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO
K1525C MTRONPTI-K1525C Datasheet
248Kb / 1P
   14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO
K1524A MTRONPTI-K1524A Datasheet
259Kb / 1P
   14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO
K1525C MTRONPTI-K1525C_07 Datasheet
263Kb / 2P
   14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com