Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F124 Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 171Page - STMicroelectronics ST92F124_06 Datasheet HTML 172Page - STMicroelectronics ST92F124_06 Datasheet HTML 173Page - STMicroelectronics ST92F124_06 Datasheet HTML 174Page - STMicroelectronics ST92F124_06 Datasheet HTML 175Page - STMicroelectronics ST92F124_06 Datasheet HTML 176Page - STMicroelectronics ST92F124_06 Datasheet HTML 177Page - STMicroelectronics ST92F124_06 Datasheet HTML 178Page - STMicroelectronics ST92F124_06 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 429 page
background image
175/429
EXTENDED FUNCTION TIMER (EFT)
EXTENDED FUNCTION TIMER (Cont’d)
10.3.3.5 Forced Compare Mode
In this section i may represent 1 or 2.
The following bits of the CR1 register are used:
When the FOLV1 bit is set, the OLVL1 bit is copied
to the OCMP1 pin if PWM and OPM are both
cleared.
When the FOLV2 bit is set, the OLVL2 bit is copied
to the OCMP2 pin.
The OLVLi bit has to be toggled in order to toggle
the OCMPi pin when it is enabled (OCiE bit=1).
Notes:
– The OCFi bit is not set when FOLVi is set, and
thus no interrupt request is generated.
– The OCFi bit can be set if OCiR = Counter and
an interrupt can be generated if enabled. This
can be avoided by writing in the OCiHR register.
The output compare function is inhibited till
OCiLR is also written.
– The Input Capture function works in Forced com-
pare mode. To disable it, read the ICiHR register.
Input capture will be inhibited till ICiLR is read.
10.3.3.6 One Pulse Mode
One Pulse mode enables the generation of a
pulse when an external event occurs. This mode is
selected via the OPM bit in the CR2 register.
The one pulse mode uses the Input Capture1
function and the Output Compare1 function.
Procedure
To use one pulse mode, select the following in the
the CR1 register:
– Using the OLVL1 bit, select the level to be ap-
plied to the OCMP1 pin after the pulse.
– Using the OLVL2 bit, select the level to be ap-
plied to the OCMP1 pin during the pulse.
– Select the edge of the active transition on the
ICAP1 pin with the IEDG1 bit.
And select the following in the CR2 register:
– Set the OC1E bit, the OCMP1 pin is then dedi-
cated to the Output Compare 1 function.
– Set the OPM bit.
– Select the timer clock CC[1:0] (see Table 36).
Load the OC1R register with the value corre-
sponding to the length of the pulse (see the formu-
la in Section 10.3.3.7).
Then, on a valid event on the ICAP1 pin, the coun-
ter is initialized to FFFCh and OLVL2 bit is loaded
on the OCMP1 pin. When the value of the counter
is equal to the value of the contents of the OC1R
register, the OLVL1 bit is output on the OCMP1
pin, (See Figure 99).
Notes:
– The OCF1 bit cannot be set by hardware in one
pulse mode but the OCF2 bit can generate an
Output Compare interrupt.
– The ICF1 bit is set when an active edge occurs
and can generate an interrupt if the ICIE bit is set
or ICIE is reset and IC1IE is set. The IC1R regis-
ter will have the value FFFCh.
– When the Pulse Width Modulation (PWM) and
One Pulse Mode (OPM) bits are both set, the
PWM mode is the only active one.
– When One Pulse Mode (OPM) and Forced Com-
pare 1 mode (FOLV1) bits are set then OPM is
the active mode
– Forced Compare 2 mode works in OPM
– Input Capture 2 function works in OPM
– When OC1R = FFFCh in OPM, then a pulse of
width FFFCh is generated
– If IC1HR register is read in OPM before an active
edge of ICAP1, then OPM is inhibited till IC1LR
is also read.
FOLV2 FOLV1 OLVL2
OLVL1
event occurs
Counter is
initialized
to FFFCh
OCMP1 = OLVL2
Counter
= OC1R
OCMP1 = OLVL1
When
When
on ICAP1
One pulse mode cycle
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com