Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F124 Datasheet(PDF) 284 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 284 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 280Page - STMicroelectronics ST92F124_06 Datasheet HTML 281Page - STMicroelectronics ST92F124_06 Datasheet HTML 282Page - STMicroelectronics ST92F124_06 Datasheet HTML 283Page - STMicroelectronics ST92F124_06 Datasheet HTML 284Page - STMicroelectronics ST92F124_06 Datasheet HTML 285Page - STMicroelectronics ST92F124_06 Datasheet HTML 286Page - STMicroelectronics ST92F124_06 Datasheet HTML 287Page - STMicroelectronics ST92F124_06 Datasheet HTML 288Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 429 page
background image
284/429
J1850 Byte Level Protocol Decoder (JBLPD)
10.9 J1850 Byte Level Protocol Decoder (JBLPD)
10.9.1 Introduction
The JBLPD is used to exchange data between the
ST9 microcontroller and an external J1850 trans-
ceiver I.C.
The JBLPD transmits a string of variable pulse
width (VPW) symbols to the transceiver. It also re-
ceives VPW encoded symbols from the transceiv-
er, decodes them and places the data in a register.
In-frame responses of type 0, 1, 2 and 3 are sup-
ported and the appropriate normalization bit is
generated automatically. The JBLPD filters out
any incoming messages which it does not care to
receive. It also includes a programmable external
loop delay.
The JBLPD uses two signals to communicate with
the transceiver:
– VPWI (input)
– VPWO (output)
10.9.2 Main Features
■ SAE J1850 compatible
■ Digital filter
■ In-Frame Responses of type 0, 1, 2, 3 supported
with automatic normalization bit
■ Programmable External Loop Delay
■ Diagnostic 4x time mode
■ Diagnostic Local Loopback mode
■ Wide
range of MCU internal frequencies
allowed
■ Low
power
consumption
mode
(JBLPD
suspended)
■ Very low power consumption mode (JBLPD
disabled)
■ Don’t care message filter
■ Selectable VPWI input polarity
■ Selectable Normalization Bit symbol form
■ 6 maskable interrupts
■ DMA transmission and reception with End Of
Block interrupts
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com