Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F124 Datasheet(PDF) 331 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 331 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 327Page - STMicroelectronics ST92F124_06 Datasheet HTML 328Page - STMicroelectronics ST92F124_06 Datasheet HTML 329Page - STMicroelectronics ST92F124_06 Datasheet HTML 330Page - STMicroelectronics ST92F124_06 Datasheet HTML 331Page - STMicroelectronics ST92F124_06 Datasheet HTML 332Page - STMicroelectronics ST92F124_06 Datasheet HTML 333Page - STMicroelectronics ST92F124_06 Datasheet HTML 334Page - STMicroelectronics ST92F124_06 Datasheet HTML 335Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 429 page
background image
331/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
10.10.5.2
Time
Triggered
Communication
Mode
In this mode, the internal counter of the CAN hard-
ware is activated and used to generate the Time
Stamp value stored in the MTSRH and MTSRL
registers. The internal counter is captured on the
sample point of the Start Of Frame bit in both re-
ception and transmission.
10.10.5.3 Reception Handling
For the reception of CAN messages, three
mailboxes organized as a FIFO are provided. In
order to save CPU load, simplify the software and
guarantee data consistency, the FIFO is managed
completely by hardware. The application accesses
the messages stored in the FIFO through the FIFO
output mailbox.
Valid Message
A received message is considered as valid when it
has been received correctly according to the CAN
protocol (no error until the last but one bit of the
EOF field) and It passed through the identifier fil-
tering successfully, see Section 10.10.5.4 Identifi-
er Filtering.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com