Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F124 Datasheet(PDF) 336 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 336 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 332Page - STMicroelectronics ST92F124_06 Datasheet HTML 333Page - STMicroelectronics ST92F124_06 Datasheet HTML 334Page - STMicroelectronics ST92F124_06 Datasheet HTML 335Page - STMicroelectronics ST92F124_06 Datasheet HTML 336Page - STMicroelectronics ST92F124_06 Datasheet HTML 337Page - STMicroelectronics ST92F124_06 Datasheet HTML 338Page - STMicroelectronics ST92F124_06 Datasheet HTML 339Page - STMicroelectronics ST92F124_06 Datasheet HTML 340Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 429 page
background image
336/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
Figure 150. Filtering Mechanism - example
The example above shows the filtering principle of
the bxCAN. On reception of a message, the iden-
tifier is compared first with the filters configured in
identifier list mode. If there is a match, the mes-
sage is stored in the associated FIFO and the in-
dex of the matching filter is stored in the Filter
Match Index. As shown in the example, the identi-
fier matches with Identifier #2 thus the message
content and MFMI 2 is stored in the FIFO.
If there is no match, the incoming identifier is then
compared with the filters configured in mask
mode.
If the identifier does not match any of the identifi-
ers configured in the filters, the message is dis-
carded by hardware without disturbing the soft-
ware.
Message Discarded
Identifier
0
Identifier
1
Identifier
2
Identifier
n
Identifier
n+1
Mask
Identifier
n+m
Mask
Identifier
Message Received
Ctrl
Data
Identifier #2 Match
Message
Stored
Receive FIFO
No Match
Found
n: number of single identifiers to receive
m: number of identifier groups to receive
n and m values depend on the configuration of the filters
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com