Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F124 Datasheet(PDF) 342 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 342 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 338Page - STMicroelectronics ST92F124_06 Datasheet HTML 339Page - STMicroelectronics ST92F124_06 Datasheet HTML 340Page - STMicroelectronics ST92F124_06 Datasheet HTML 341Page - STMicroelectronics ST92F124_06 Datasheet HTML 342Page - STMicroelectronics ST92F124_06 Datasheet HTML 343Page - STMicroelectronics ST92F124_06 Datasheet HTML 344Page - STMicroelectronics ST92F124_06 Datasheet HTML 345Page - STMicroelectronics ST92F124_06 Datasheet HTML 346Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 429 page
background image
342/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
– The transmit interrupt can be generated by the
following events:
– Transmit mailbox 0 becomes empty, RQCP0
bit in the CTSR register set.
– Transmit mailbox 1 becomes empty, RQCP1
bit in the CTSR register set.
– Transmit mailbox 2 becomes empty, RQCP2
bit in the CTSR register set.
– The FIFO 0 interrupt can be generated by the
following events:
– Reception of a new message, FMP bits in the
CRFR0 register incremented.
– FIFO0 full condition, FULL bit in the CRFR0
register set.
– FIFO0 overrun condition, FOVR bit in the
CRFR0 register set.
– The FIFO 1 interrupt can be generated by the
following events:
– Reception of a new message, FMP bits in the
CRFR1 register incremented.
– FIFO1 full condition, FULL bit in the CRFR1
register set.
– FIFO1 overrun condition, FOVR bit in the
CRFR1 register set.
– The error and status change interrupt can be
generated by the following events:
– Error condition, for more details on error con-
ditions please refer to the CAN Error Status
register (CESR).
– Wake-up condition, SOF monitored on the
CAN Rx signal.
10.10.7 Register Access Protection
Erroneous access to certain configuration regis-
ters can cause the hardware to temporarily disturb
the whole CAN network. Therefore the following
registers can be modified by software only while
the hardware is in initialization mode:
CBTR0, CBTR1, CFCR0, CFCR1, CFMR and
CDGR registers.
Although the transmission of incorrect data will not
cause problems at the CAN network level, it can
severely disturb the application. A transmit mail-
box can be only modified by software while it is in
empty state, refer to Figure 147.Transmit Mailbox
States
The filters must be deactivated before their value
can be modified by software. The modification of
the filter configuration (scale or mode) can be
done by software only in initialization mode.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com