Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F124 Datasheet(PDF) 409 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 409 Page - STMicroelectronics

Back Button ST92F124_06 Datasheet HTML 405Page - STMicroelectronics ST92F124_06 Datasheet HTML 406Page - STMicroelectronics ST92F124_06 Datasheet HTML 407Page - STMicroelectronics ST92F124_06 Datasheet HTML 408Page - STMicroelectronics ST92F124_06 Datasheet HTML 409Page - STMicroelectronics ST92F124_06 Datasheet HTML 410Page - STMicroelectronics ST92F124_06 Datasheet HTML 411Page - STMicroelectronics ST92F124_06 Datasheet HTML 412Page - STMicroelectronics ST92F124_06 Datasheet HTML 413Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 429 page
background image
409/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
13.2 FLASH CORRUPTION WHEN EXITING STOP MODE
Description
Under very specific conditions, the first read per-
formed in flash memory by the core when exiting
stop mode may be corrupted.
Impact on application
As this first read is an opcode, this corruption may
lead to an unpredictable behavior of the applica-
tion.
Workaround
Description
In ST92F124/F150/F250 datasheet, there is a
warning in the WUCTRL register description:
“In order to avoid to execute register write instruc-
tions after a correct STOP bit setting sequence
and before entering the STOP mode, it is manda-
tory to execute 3 NOP instructions after the STOP
bit setting sequence.”
The workaround is to replace these 3 NOPs by the
following assembly code:
RRx is an unused register in the register file.
Implementation
In a C language software, implement the following
code.
Declare a dummy variable in the register file (for
example in RR0 16-bit register)
And replace the actual STOP bit setting sequence
(specified in datasheet):
nop
ldw RRx,0
#pragma register_file
Dummy_16bit_data
0
volatile unsigned int
Dummy_16bit_data;
spp(WU_PG);
WU_CTLR = WUm_wuit | WUm_id1s | WUm_stop;
WU_CTLR = WUm_wuit | WUm_id1s;
WU_CTLR = WUm_wuit | WUm_id1s | WUm_stop;
asm("nop");
asm("nop");
asm("nop");
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com