Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5083H/001/F2 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 97Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 98Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 99Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 100Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 101Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 102Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 103Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 104Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
1996 Oct 29
101
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Notes
1. R = read only; W = write only; R/W = read and write.
2. The flags of register IOMCON_REG should not be changed as long as the interface is enabled with
CLOCK_MODE = 0 to prevent an unpredictable behaviour of the interface.
52
reserved
−−
53 to 55
MONGAIN_REG
18
W
RF Bus: MON gain
56, 57
DAC0_REG
16
W
Gain DAC value 0
58, 59
DAC1_REG
16
W
Gain DAC value 1
5A, 5B
DACON_REG
16
W
Gain DAC power-up value
5C, 5D
DACOFF_REG
16
W
Gain DAC power-down value
5E
reserved
−−
5E to 61
IMCIN_REG
21
R
IMC data in
IMCOUT_REG
28
W
IMC data out
62
MSB_REG
4
R/W
Gain Control Channel MSB Register
0: DAC0_REG bit 16
1: DAC1_REG bit 16
2: DACON_REG bit 16
3: DACOFF_REG bit 16
63
RFCTRL0_REG
8
W
RF bus control register 0
64
RFCTRL1_REG
8
W
RF bus control register 1
65
RFCTRL2_REG
8
W
RF bus control register 2
66
RFCTRL3_REG
8
W
RF bus control register 3
67
COMBINT_REG
6
R/W
Combined interrupt register; see Table 84
68
HIPRINT_REG
8
R/W
High priority interrupt register; see Table 85
69
HIPRMASK_REG
8
R/W
High priority interrupt mask register; see Table 86
6A
SIINT_REG
6
R
Serial interface interrupt register; see Table 87
6B
SIMASK_REG
5
R/W
Serial interface interrupt mask register; see Table 88
6C, 6D
IOMCON_REG(2)
16
R/W
IOM®-2 interface configuration register; see Table 89
6E, 6F
ACON_REG
13
R/W
Audio Interface configuration register; see Table 90
70
RXD_REG
8
R
RS232 data input register
TXD_REG
8
W
RS232 data output register
71
MON0_REG
8
R/W
IOM®-2 interface monitor 0 data register
72
MON1_REG
6
R/W
IOM®-2 interface monitor 1data register
73
CI0_REG
6
R/W
IOM®-2 interface C/I 0 data register
74
CI1_REG
6
R/W
IOM®-2 interface C/I 1 data register
75
IOMFLAG_REG
8
R
IOM®-2 interface interrupt flag register; see Table 91
76
IOMCTRL_REG
8
R/W
IOM®-2 interface control register; see Table 92
77
IOMEN_REG
8
R/W
IOM®-2 interface interrupt enable register, see Table 93
78
PORTDATA_REG
6
R/W
Parallel port data register; see Table 94
79
PORTDDIR_REG
6
R/W
Parallel port data direction register; see Table 95
7A
SYSCON_REG
7
R/W
System configuration register; see Table 96
OFFSET
REGISTER
SIZE
R/W(1)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com