Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56366P Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 105Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
5-6
Freescale Semiconductor
sure that the part has completed its HI port programming (e.g., by setting the INIT bit in ICR then
polling it and waiting it to be cleared, then reading the ISR or by writing the TREQ/RREQ together
with the INIT and then polling INIT, ISR, and the HOREQ pin).
5.5.2
DSP Programming Considerations
•
Synchronization of Status Bits from Host to DSP
—DMA, HF1, HF0, HCP, HTDE, and HRDF
status bits are set or cleared by the host processor side of the interface. These bits are individually
synchronized to the DSP clock. (Refer to the user’s manual for descriptions of these status bits.)
•
Reading HF0 and HF1 as an Encoded Pair
—Care must be exercised when reading status bits
HF0 and HF1 as an encoded pair, (i.e., the four combinations 00, 01, 10, and 11 each have
significance). A very small probability exists that the DSP will read the status bits synchronized
during transition. Therefore, HF0 and HF1 should be read twice and checked for consensus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com