Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWCC0009 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MASWCC0009
Description  GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWCC0009 Datasheet(HTML) 4 Page - Tyco Electronics

  MASWCC0009 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
! "
#
$
%
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
& '
/
!"#$
")
6
!"#$
%
!"#&
'
0
*
(
' ''(
0
*
(
/
+
.
+
-
+
$
+
;
'
0
*
(
' ''(
0
*
(
/
7 .: &
< $% &
< =% &
0'
01
* '
* 1
' ''(
0
*
(
/
+
;
+
$
+
-
+
.
0'
01
* '
* 1
' ''(
0
*
(
/
<$%
< =% &
7 .:
&
0'
01
* '
* 1
' ''(
0
*
(
/
+
;
+
$
+
-
+
.
0 '
0 1
* '
* 1
' ' ' (
0
*
(
/
< =%&
< $%&
7 .:&



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com