Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 112Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 113Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 114Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 115Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 116Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 117Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 118Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 184 page
background image
Features
56F8366 Technical Data, Rev. 6
Freescale Semiconductor
115
Preliminary
6.2 Features
The SIM has the following features:
•
Flash security feature prevents unauthorized access to code/data contained in on-chip Flash memory
•
Power-saving clock gating for peripheral
•
Three power modes (Run, Wait, Stop) to control power utilization
— Stop mode shuts down the 56800E core, system clock, peripheral clock, and PLL operation
— Stop mode entry can optionally disable PLL and Oscillator (low power vs. fast restart); must be
explicitly done
— Wait mode shuts down the 56800E core and unnecessary system clock operation
— Run mode supports full part operation
•
Controls to enable/disable the 56800E core WAIT and STOP instructions
•
Calculates base delay for reset extension based upon POR or RESET operations. Reset delay will be either
3 x 32 clocks (phased release of reset) for reset, except for POR, which is 221 clock cycles.
•
Controls reset sequencing after reset
•
Software-initiated reset
•
Four 16-bit registers reset only by a Power-On Reset usable for general purpose software control
•
System Control Register
•
Registers for software access to the JTAG ID of the chip
6.3 Operating Modes
Since the SIM is responsible for distributing clocks and resets across the chip, it must understand the
various chip operating modes and take appropriate action. These are:
•
Reset Mode, which has two submodes:
— POR and RESET operation
The 56800E core and all peripherals are reset. This occurs when the internal POR is asserted or the
RESET pin is asserted.
— COP reset and software reset operation
The 56800E core and all peripherals are reset. The MA bit within the OMR is not changed. This allows
the software to determine the boot mode (internal or external boot) to be used on the next reset.
•
Run Mode
This is the primary mode of operation for this device. In this mode, the 56800E controls chip operation.
•
Debug Mode
The 56800E is controlled via JTAG/EOnCE when in debug mode. All peripherals, except the COP and
PWMs, continue to run. COP is disabled and PWM outputs are optionally switched off to disable any motor
from being driven; see the PWM chapter in the 56F8300 Peripheral User Manual for details.
•
Wait Mode
In Wait mode, the core clock and memory clocks are disabled. Optionally, the COP can be stopped.
Similarly, it is an option to switch off PWM outputs to disable any motor from being driven. All other
peripherals continue to run.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com