Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 129Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 130Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 131Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 132Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 133Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 134Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 135Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 136Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 184 page
background image
Stop and Wait Mode Disable Function
56F8366 Technical Data, Rev. 6
Freescale Semiconductor
133
Preliminary
6.8 Stop and Wait Mode Disable Function
Figure 6-17 Internal Stop Disable Circuit
The 56800E core contains both STOP and WAIT instructions. Both put the CPU to sleep. For lowest
power consumption in Stop mode, the PLL can be shut down. This must be done explicitly before entering
Stop mode, since there is no automatic mechanism for this. When the PLL is shut down, the 56800E
system clock must be set equal to the prescaler output.
Some applications require the 56800E STOP and WAIT instructions be disabled. To disable those
instructions, write to the SIM control register (SIM_CONTROL) described in Part 6.5.1. This procedure
can be on either a permanent or temporary basis. Permanently assigned applications last only until their
next reset.
6.9 Resets
The SIM supports four sources of reset. The two asynchronous sources are the external RESET pin and
the Power-On Reset (POR). The two synchronous sources are the software reset, which is generated within
the SIM itself by writing to the SIM_CONTROL register, and the COP reset.
Reset begins with the assertion of any of the reset sources. Release of reset to various blocks is sequenced
to permit proper operation of the device. A POR reset is first extended for 221 clock cycles to permit
stabilization of the clock source, followed by a 32 clock window in which SIM clocking is initiated. It is
then followed by a 32 clock window in which peripherals are released to implement Flash security, and,
finally, followed by a 32 clock window in which the core is initialized. After completion of the described
reset sequence, application code will begin execution.
Resets may be asserted asynchronously, but they are always released internally on a rising edge of the
system clock.
D-FLOP
DQ
C
D-FLOP
D
Q
C
R
56800E
STOP_DIS
Permanent
Disable
Reprogrammable
Disable
Clock
Select
Reset
Note: Wait disable circuit is
similar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com