Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8367 Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 116Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 117Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 118Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 119Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 120Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 121Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 184 page
background image
56F8367 Technical Data, Rev. 8
120
Freescale Semiconductor
Preliminary
•
00100 = Reserved for factory test—PFLASH even clock
•
00101 = Reserved for factory test—BFLASH clock
•
00110 = Reserved for factory test—DFLASH clock
•
00111 = Oscillator output
•
01000 = Fout (from OCCS)
•
01001 = Reserved for factory test—IPB clock
•
01010 = Reserved for factory test—Feedback (from OCCS, this is path to PLL)
•
01011 = Reserved for factory test—Prescaler clock (from OCCS)
•
01100 = Reserved for factory test—Postscaler clock (from OCCS)
•
01101 = Reserved for factory test—SYS_CLK2 (from OCCS)
•
01110 = Reserved for factory test—SYS_CLK_DIV2
•
01111 = Reserved for factory test—SYS_CLK_D
•
10000 = ADCA clock
•
10001 = ADCB clock
6.5.8
GPIO Peripheral Select Register (SIM_GPS)
Some GPIO pads can have more than one peripheral selected as the alternate function instead of GPIO.
For these pads, this register selects which of the alternate peripherals are actually selected for the GPIO
peripheral function. This applies to GPIOC, pins 0-3, and to GPIOD, pins 0 and 1.
The GPIOC Peripheral Select register can be used to multiplex out any one of the three alternate
peripherals for GPIOC. The default peripheral is Quad Decoder 1 and Quad Timer B (NOT available in
the 56F8167 device); these peripherals work together.
The four I/O pins associated with GPIOC can function as GPIO, Quad Decoder 1/Quad TimerB , or as
SPI 1 signals. GPIO is not the default and is enabled/disabled via the GPIOC_PER, as shown in
Figure 6-10 and Table 6-2. When GPIOC[3:0] are programmed to operate as peripheral I/O, then the
choice between decoder/timer and SPI inputs/outputs is made in the SIM_GPS register and in conjunction
with the Quad Timer Status and Control Registers (SCR). The default state is for the peripheral function
of GPIOC[3:0] to be programmed as decoder functions. This can be changed by altering the appropriate
controls in the indicated registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com