Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2043 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2043
Description  Evaluation Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2043 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2043_1 Datasheet HTML 1Page - Maxim Integrated Products MAX2043_1 Datasheet HTML 2Page - Maxim Integrated Products MAX2043_1 Datasheet HTML 3Page - Maxim Integrated Products MAX2043_1 Datasheet HTML 4Page - Maxim Integrated Products MAX2043_1 Datasheet HTML 5Page - Maxim Integrated Products MAX2043_1 Datasheet HTML 6Page - Maxim Integrated Products MAX2043_1 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Detailed Description
The MAX2043 is a high-linearity up/downconverter inte-
grated with RF and LO baluns, an LO buffer, and an
SPDT LO input select switch. The EV kit circuit uses the
MAX2043 and consists mostly of supply-decoupling
capacitors, DC-blocking capacitors, a current-setting
resistor, and an IF balun. The MAX2043 EV kit circuit
allows for thorough analysis and a simple design-in.
Supply-Decoupling Capacitors
Capacitor C4 is a 22pF supply-decoupling capacitor
used to filter high-frequency noise. Capacitors C5, C7,
and C9 are larger 0.01µF used for filtering lower frequen-
cy noise on the supply.
DC-Blocking Capacitors
The MAX2043 has internal baluns at the RF and LO
inputs. These inputs have almost 0Ω resistance at DC,
and so DC-blocking capacitors C1, C6, and C8 are
used to prevent any external bias from being shunted
directly to ground.
LO Bias
Bias current for the integrated LO buffer is set with
resistor R1 (357Ω ±1%). The DC current of the device
can be reduced by increasing the value of R1 but the
device would operate at reduced performance levels
(see the
Modifying the EV Kit section).
Tap Network
Capacitor C3 helps to terminate the second-order inter-
modulation products.
IF±
The MAX2043 mixer has an IF frequency range of DC
to 350MHz. Note that these differential ports are ideal
for providing enhanced IIP2 performance. Single-
ended IF applications require a 1:1 balun to transform
the 50Ω differential output impedance to a 50Ω single-
ended output. After the balun, the IF return loss is bet-
ter than 15dB. The differential IF is used as an input
port for upconverter operation. The user can use a dif-
ferential IF amplifier following the mixer, but a DC block
is required on both IF pins. In this configuration, the IF+
and IF- pins need to be returned to ground through a
high resistance (about 1kΩ). This ground return can
also be accomplished by grounding the RF tap (pin 8)
and AC-coupling the IF+ and IF- ports (pins 13 and 14).
LOSEL
The EV kit includes a 47kΩ pullup resistor (R2) for easy
selection of the LO port. Providing a ground at TP3
selects LO2, and leaving TP3 open selects LO1. To
drive TP3 from an external source, follow the limits
called out in the MAX2043 device data sheet. Logic
voltages should not be applied to LOSEL without the
+5V supply voltage. Doing so can cause the on-chip
ESD diodes to conduct and could damage the device.
Layout Considerations
The MAX2043 evaluation board can be a guide for your
board layout. Pay close attention to thermal design
and close placement of components to the IC. The
MAX2043 package exposed paddle (EP) conducts
heat from the device and provides a low-impedance
electrical connection to the ground plane. The EP must
be attached to the PC board ground plane with a low
thermal and electrical impedance contact. Ideally, this
is achieved by soldering the backside of the package
directly to a top metal ground plane on the PC board.
Alternatively, the EP can be connected to an internal or
bottom-side ground plane using an array of plated vias
directly below the EP. The MAX2043 EV kit uses nine
evenly spaced 0.016in-diameter, plated through holes
to connect the EP to the lower ground planes.
Depending on the ground-plane spacing, large sur-
face-mount pads in the IF path may need to have the
ground plane relieved under them to reduce parasitic
shunt capacitance.
Modifying the EV Kit
The RF, LO, and IF ports are broadband matched, so
there is no need to modify the circuit for use anywhere
in the 1700MHz to 3000MHz RF range, 1900MHz to
3000MHz LO range, and 50MHz to 350MHz IF range.
The DC current of the device can be reduced if reduced
performance is acceptable. Reducing the current is
accomplished by increasing the value of R1. Doubling
the value of R1 reduces the DC current approximately
in half. Approximately 10% of the overall IC current is
used for basic operation of the device (R1 set at 357Ω)
and cannot be reduced.
MAX2043 Evaluation Kit
_______________________________________________________________________________________
3


Similar Part No. - MAX2043_1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20430 MAXIM-MAX20430 Datasheet
902Kb / 7P
   Challenge/Response or Simple Windowed Watchdog
Rev 0; 3/20
MAX20430 MAXIM-MAX20430 Datasheet
1Mb / 40P
   Four-Output Mini PMIC For Safety Applications
2021
MAX20430ATIA/VY++ MAXIM-MAX20430ATIA/VY+ Datasheet
1Mb / 40P
   Four-Output Mini PMIC For Safety Applications
2021
MAX20430ATIBB/VY++ MAXIM-MAX20430ATIBB/VY+ Datasheet
1Mb / 40P
   Four-Output Mini PMIC For Safety Applications
2021
MAX20430ATIC/VY++ MAXIM-MAX20430ATIC/VY+ Datasheet
1Mb / 40P
   Four-Output Mini PMIC For Safety Applications
2021
More results

Similar Description - MAX2043_1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com