Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2410 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2410
Description  Evaluation Kit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2410 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2410_1 Datasheet HTML 1Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 2Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 3Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 4Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 5Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 6Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 7Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
________________General Description
The MAX2410 evaluation kit (EV kit) simplifies testing of the
MAX2410. This EV kit allows evaluation of the MAX2410’s
low-noise amplifier (LNA), receive downconverter
mixer, transmit upconverter mixer, variable-gain power-
amplifier (PA) driver, and power-management features.
____________________________Features
o +2.7V to +5.5V Single-Supply Operation
o 50
Ω SMA Inputs and Outputs on RF and IF Ports
o Allows Testing of Shutdown Mode
o Fully Assembled and Tested
MAX2410 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-1320; Rev 1; 3/98
QTY
DESCRIPTION
C1, C2
2
C3
1
C4, C5,
C6, C8
4
0.1µF ceramic capacitors, 0805 size
C7, C10, C11,
C16, C17,
C19, C20
7
C9, C15, C18,
C23, C24
5
1000pF ceramic capacitors, 0805 size
C12, C14,
C22, C25, C26
0
C21
1
L1
1
L2
1
5.6nH inductor, 0805 size
Taiyo Yuden HK16085N6S
L3, L12
2
68nH inductors, 0805 size
Coilcraft 0805CS-680XKBC
L4, L5
2
0
Ω resistors, 0805 size
L6, L7, L9
0
Not installed
L8, L13
2
3.9nH inductors, 0805 size
Taiyo Yuden HK16083N9S
220pF ceramic capacitors, 0805 size
10µF tantalum capacitor
AVX TAJC106K016
47pF ceramic capacitors, 0603 size
SUPPLIER
PHONE
INTERNET
______________Component Suppliers
DESIGNATION
Not installed
1pF ceramic capacitor, 0805 size
18nH inductor, 0805 size
Coilcraft 0805CS-180XMBC
____________________
_Component List
_______________Ordering Information
AVX
(803) 946-0690
(803) 626-3123 FAX
http://www.avxcorp.com
Taiyo Yuden
USA
(408) 573-4150
(408) 573-4159 FAX
http://www.t-yuden.com
PART
MAX2410EVKIT
-40°C to +85°C
TEMP. RANGE
IC-PACKAGE
28 QSOP
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
L11
1
82nH inductor, 0805 size
Coilcraft 0805CS-820XKBC
R1, R2, R3
3
1k
Ω resistors, 0805 size
LNAIN,
LNAOUT, IFIN,
IFOUT, LO,
PADRIN,
PADROUT,
TXMXOUT
8
SMA edge-mount connectors
RXMXIN
1
SMA PC-mount connector
RXEN, TXEN,
VGC
3
3-pin headers
VCC, GND
2
2-pin headers
U1
1
MAX2410EEI 28-pin QSOP
_________________________Quick Start
The MAX2410 EV kit is fully assembled and factory test-
ed. Follow these instructions for initial evaluation of the
MAX2410.
Test Equipment Required
This section lists the recommended test equipment to
verify operation of the MAX2410. It is intended as a
guide only, and some substitutions may be possible.
• Two RF signal generators capable of delivering at
least 0dBm of output power up to 2GHz (HP8648C,
or equivalent).
• An RF spectrum analyzer that covers the operating
frequency range of the MAX2410 as well as a few
harmonics (HP8561E, for example).
• A power supply which can provide up to 100mA at
+2.7V to +5.5V.
• A voltage source (0V to 5V) for adjusting the gain-
control (GC) voltage on the PA driver.
• An optional ammeter for measuring the supply cur-
rent.
• Several 50Ω SMA cables.
Coilcraft
(847) 639-6400
(847) 639-1469 FAX
http://www.coilcraft.com


Similar Part No. - MAX2410_1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2410E/D MAXIM-MAX2410E/D Datasheet
179Kb / 12P
   Low-Cost RF Up/Downconverter with LNA and PA Driver
19-1320; Rev 1; 3/98
MAX2410EEI MAXIM-MAX2410EEI Datasheet
179Kb / 12P
   Low-Cost RF Up/Downconverter with LNA and PA Driver
19-1320; Rev 1; 3/98
More results

Similar Description - MAX2410_1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com