Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

342-104-520-203 Datasheet(PDF) 3 Page - EDAC, All Rights Reserved.

Part # 342-104-520-203
Description  342 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

342-104-520-203 Datasheet(HTML) 3 Page - EDAC, All Rights Reserved.

  342-104-520-203 Datasheet HTML 1Page - EDAC, All Rights Reserved. 342-104-520-203 Datasheet HTML 2Page - EDAC, All Rights Reserved. 342-104-520-203 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.250
Dia.
6.35
0.116
I.D.
2.95
Floating Eyelets
0.348 8.84
0.005 0.13
0.135 3.43
Through Holes
.128 [3.25] Dia
Code x01
Code x02
.128 [3.25] x
.146 [3.71] Slot
Code x03
Code x04
.156 [3.96] Dia
Through Holes
.010 [0.25]
Radial Float
Code x07
Code x08
M3-0.5 Metric
Threaded Insert
#4-40 UNC
Threaded Insert
Code x12
ACAD REFERENCE NO.
TORONTO, ONTARIO
YOUR CONNECTION TO QUALITY & SERVICE
EDAC INC
CANADA
CHECKED:
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
WITHOUT WRITTEN PERMISSION.
SCALE:
DRAWING NUMBER
DRAWN:
DATE:
ISSUE
SHEET
DATE:
ISSUE NUMBER
ORIGINAL
1
THIS IS A C.A.D. GENERATED DRAWING
DO NOT MAKE MANUAL REVISIONS TO MASTER.
342 / 392 Card Edge Connector
342 ENG MASTER
342 Assembly
3 OF 3
1
J.LEE
OCT. 06/09
NTS
Mounting Options


Similar Part No. - 342-104-520-203

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
342-104-520-203 EDAC-342-104-520-203 Datasheet
274Kb / 3P
   342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com