Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-I/SOSQTP Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F16-I/SOSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/SOSQTP Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F16-I/SOSQTP Datasheet HTML 97Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 98Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 99Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 100Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 101Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 102Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 103Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 104Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 99
PIC16F716
TABLE 12-2:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
1A
FOSC
Ext. Clock Input Frequency(1)
DC
—
4
MHz RC and XT Osc modes
DC
—
20
MHz HS Osc mode
DC
—
200
kHz LP Osc mode
Oscillator Frequency(1)
DC
—
4
MHz RC Osc mode
0.1
—
4
MHz XT Osc mode
4
—
20
MHz HS Osc mode
5
—
200
kHz LP Osc mode
1TOSC
External CLKIN Period(1)
250
—
—
ns
RC and XT Osc modes
50
—
—
ns
HS Osc mode
5—
—
μs
LP Osc mode
Oscillator Period(1)
250
—
—
ns
RC Osc mode
250
—
10,000
ns
XT Osc mode
50
—
250
ns
HS Osc mode
5—
—
μs
LP Osc mode
2
Tcy
Instruction Cycle Time(1)
200
—
DC
ns
TCY = 4/FOSC
3*
TosL,
TosH
External Clock in (OSC1) High or
Low Time
100
—
—
ns
XT oscillator
2.5
—
—
μs
LP oscillator
15
—
—
ns
HS oscillator
4*
TosR,
TosF
External Clock in (OSC1) Rise or
Fall Time
—
—
25
ns
XT oscillator
—
—
50
ns
LP oscillator
—
—
15
ns
HS oscillator
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator
operation and/or higher than expected current consumption. All devices are tested to operate at “min”
values with an external clock applied to the OSC1/CLKIN pin.
When an external clock input is used, the “Max” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com