Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K20-E/MLQTP Datasheet(PDF) 265 Page - Microchip Technology

Part # PIC18F23K20-E/MLQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/MLQTP Datasheet(HTML) 265 Page - Microchip Technology

Back Button PIC18F23K20-E/MLQTP Datasheet HTML 261Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 262Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 263Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 264Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 265Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 266Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 267Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 268Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 269Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 263
PIC18F2XK20/4XK20
REGISTER 19-3:
ADCON2: A/D CONTROL REGISTER 2
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ADFM: A/D Conversion Result Format Select bit
1
= Right justified
0
= Left justified
bit 6
Unimplemented: Read as ‘0’
bit 5-3
ACQT<2:0>: A/D Acquisition time select bits. Acquisition time is the duration that the A/D charge hold-
ing capacitor remains connected to A/D channel from the instant the GO/DONE bit is set until conver-
sions begins.
000
= 0(1)
001
= 2 TAD
010
= 4 TAD
011
= 6 TAD
100
= 8 TAD
101
= 12 TAD
110
= 16 TAD
111
= 20 TAD
bit 2-0
ADCS<2:0>: A/D Conversion Clock Select bits
000
= FOSC/2
001
= FOSC/8
010
= FOSC/32
011
= FRC(1) (clock derived from a dedicated internal oscillator = 600 kHz nominal)
100
= FOSC/4
101
= FOSC/16
110
= FOSC/64
111
= FRC(1) (clock derived from a dedicated internal oscillator = 600 kHz nominal)
Note 1:
When the A/D clock source is selected as FRC then the start of conversion is delayed by one instruction
cycle after the GO/DONE bit is set to allow the SLEEP instruction to be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com