Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K20-E/MLQTP Datasheet(PDF) 282 Page - Microchip Technology

Part # PIC18F23K20-E/MLQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/MLQTP Datasheet(HTML) 282 Page - Microchip Technology

Back Button PIC18F23K20-E/MLQTP Datasheet HTML 278Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 279Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 280Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 281Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 282Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 283Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 284Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 285Page - Microchip Technology PIC18F23K20-E/MLQTP Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 280
Advance Information
© 2007 Microchip Technology Inc.
21.2
FVR Reference Module
The FVR reference is a stable fixed voltage reference,
independent of VDD, with a nominal output voltage of
1.2V. This reference can be enabled by setting the
FVREN bit of the CVRCON2 register to ‘1’. The FVR
defaults to on when any one or more of the HFINTOSC,
HLVD, or BOR functions are enabled. The FVR voltage
reference can be routed to the comparators or an ADC
input channel.
21.2.1
FVR STABILIZATION PERIOD
When the Fixed Voltage Reference module is enabled, it
will require some time for the reference and its amplifier
circuits to stabilize. The user program must include a
small delay routine to allow the module to settle. The
FVRST stable bit of the CVRCON2 register also indicates
that the FVR reference has been operating long enough
to
be
stable.
See
Section 26.0
“Electrical
Characteristics” for the minimum delay requirement.
FIGURE 21-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
CVR<3:0>
8R
R
CVREN
CVRSS = 0
VDD
VREF+
CVRSS = 1
8R
CVRSS = 0
VREF-
CVRSS = 1
R
R
R
R
R
R
16 Steps
CVRR
CVREF
1.2 Volt Fixed
Reference
EN
FVRST
FVR
FVREN
From HVLD and
BOR circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com