Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F883-E/SSQTP Datasheet(PDF) 242 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 242 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 238Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 239Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 240Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 241Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 242Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 243Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 244Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 245Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 240
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 17-1:
PIC16F882/883/884/886/887 VOLTAGE-FREQUENCY GRAPH,
-40°C
≤ TA ≤ +125°C
FIGURE 17-2:
HFINTOSC FREQUENCY ACCURACY OVER DEVICE VDD AND TEMPERATURE
5.5
2.0
3.5
2.5
0
3.0
4.0
4.5
5.0
Frequency (MHz)
Note 1: The shaded region indicates the permissible combinations of voltage and frequency.
820
10
125
25
2.0
0
60
85
VDD (V)
4.0
5.0
4.5
2.5
3.0
3.5
5.5
± 1%
± 2%
± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com