Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F883-E/SSQTP Datasheet(PDF) 249 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 249 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 245Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 246Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 247Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 248Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 249Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 250Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 251Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 252Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 247
PIC16F882/883/884/886/887
17.6
Thermal Considerations
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Typ
Units
Conditions
TH01
θJA
Thermal Resistance
Junction to Ambient
47.2
C/W
40-pin PDIP package
24.4
C/W
44-pin QFN package
45.8
C/W
44-pin TQFP package
60.2
C/W
28-pin PDIP package
80.2
C/W
28-pin SOIC package
89.4
C/W
28-pin SSOP package
29
C/W
28-pin QFN package
TH02
θJC
Thermal Resistance
Junction to Case
24.7
C/W
40-pin PDIP package
TBD
C/W
44-pin QFN package
14.5
C/W
44-pin TQFP package
29
C/W
28-pin PDIP package
23.8
C/W
28-pin SOIC package
23.9
C/W
28-pin SSOP package
TBD
C/W
28-pin QFN package
TH03
TJ
Junction Temperature
150
C
For derated power calculations
TH04
PD
Power Dissipation
—
W
PD = PINTERNAL + PI/O
TH05
PINTERNAL
Internal Power Dissipation
—
W
PINTERNAL = IDD x VDD
(NOTE 1)
TH06
PI/O
I/O Power Dissipation
—
W
PI/O =
Σ (IOL * VOL) + Σ (IOH * (VDD - VOH))
TH07
PDER
Derated Power
—
W
PDER = (TJ - TA)/
θJA
(NOTE 2, 3)
Legend: TBD = To Be Determined.
Note 1:
IDD is current to run the chip alone without driving any load on the output pins.
2:
TA = Ambient Temperature.
3:
Maximum allowable power dissipation is the lower value of either the absolute maximum total power
dissipation or derated power (PDER).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com