Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F883-E/SSQTP Datasheet(PDF) 265 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 265 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 261Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 262Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 263Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 264Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 265Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 266Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 267Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 268Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 269Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 263
PIC16F882/883/884/886/887
19.0
PACKAGING INFORMATION
19.1
Package Marking Information
3
e
28-Lead QFN
XXXXXXXX
XXXXXXXX
YYWWNNN
Example
16F886
/ML
0510017
28-Lead SOIC (7.50 mm)
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F886/SO
0510017
28-Lead PDIP
XXXXXXXXXXXXXXX
XXXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXXXXXX
Example
PIC16F883
0510017
28-Lead SSOP
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
PIC16F883
-I/SS
0510017
-I/P
3
e
3
e
3
e
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com