Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F883-E/SSQTP Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC16F883-E/SSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSQTP Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC16F883-E/SSQTP Datasheet HTML 177Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 178Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 179Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 180Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 181Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 182Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 183Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 184Page - Microchip Technology PIC16F883-E/SSQTP Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 179
PIC16F882/883/884/886/887
13.3
SPI Mode
The SPI mode allows 8 bits of data to be synchronously
transmitted and received, simultaneously. All four modes
of SPI are supported. To accomplish communication,
typically three pins are used:
• Serial Data Out (SDO) – RC5/SDO
• Serial Data In (SDI) – RC4/SDI/SDA
• Serial Clock (SCK) – RC3/SCK/SCL
Additionally, a fourth pin may be used when in any
Slave mode of operation:
• Slave Select (SS) – RA5/SS/AN4
13.3.1
OPERATION
When initializing the SPI, several options need to be
specified. This is done by programming the appropriate
control
bits
SSPCON<5:0>
and
SSPSTAT<7:6>.
These control bits allow the following to be specified:
• Master mode (SCK is the clock output)
• Slave mode (SCK is the clock input)
• Clock polarity (Idle state of SCK)
• Data input sample phase (middle or end of data
output time)
• Clock edge (output data on rising/falling edge of
SCK)
• Clock rate (Master mode only)
• Slave Select mode (Slave mode only)
Figure 13-1 shows the block diagram of the MSSP
module, when in SPI mode.
FIGURE 13-1:
MSSP BLOCK DIAGRAM
(SPI MODE)
The MSSP consists of a transmit/receive shift register
(SSPSR) and a buffer register (SSPBUF). The SSPSR
shifts the data in and out of the device, MSb first. The
SSPBUF holds the data that was written to the SSPSR,
until the received data is ready. Once the 8 bits of data
have been received, that byte is moved to the SSPBUF
register. Then, the buffer full-detect bit BF of the SSP-
STAT register and the interrupt flag bit SSPIF of the
PIR1 register are set. This double buffering of the
received data (SSPBUF) allows the next byte to start
reception before reading the data that was just
received. Any write to the SSPBUF register during
transmission/reception of data will be ignored, and the
write collision detect bit WCOL of the SSPCON register
will be set. User software must clear the WCOL bit so
that it can be determined if the following write(s) to the
SSPBUF register completed successfully.
(
)
Read
Write
Internal
Data Bus
SSPSR Reg
SSPM<3:0>
bit 0
Shift
Clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 Output
TOSC
Prescaler
4, 16, 64
2
Edge
Select
2
4
Data to TX/RX in SSPSR
TRIS bit
2
SMP:CKE
SDI
SDO
SS
SCK
Note: I/O pins have diode protection to VDD and VSS.
SSPBUF Reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com