Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 230 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 230 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 226Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 227Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 228Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 229Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 230Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 231Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 232Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 233Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 228
Advance Information
© 2007 Microchip Technology Inc.
FIGURE 18-2:
EUSART RECEIVE BLOCK DIAGRAM
The operation of the EUSART module is controlled
through three registers:
• Transmit Status and Control (TXSTA)
• Receive Status and Control (RCSTA)
• Baud Rate Control (BAUDCTL)
These
registers
are
detailed
in
Register 18-1,
Register 18-2 and Register 18-3, respectively.
For all modes of EUSART operation, the TRIS control
bits corresponding to the RX/DT and TX/CK pins should
be set to ‘1’. The EUSART control will automatically
reconfigure the pin from input to output, as needed.
RX/DT pin
Pin Buffer
and Control
SPEN
Data
Recovery
CREN
OERR
FERR
RSR Register
MSb
LSb
RX9D
RCREG Register
FIFO
Interrupt
RCIF
RCIE
Data Bus
8
Stop
START
(8)
7
1
0
RX9
• • •
SPBRG
SPBRGH
BRG16
RCIDL
FOSC
÷ n
n
+ 1
Multiplier
x4
x16 x64
SYNC
1X00
0
BRGH
X110
0
BRG16
X101
0
Baud Rate Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com