Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F616-E/PSQTP Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC16F616-E/PSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/PSQTP Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC16F616-E/PSQTP Datasheet HTML 106Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 107Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 108Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 109Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 110Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 111Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 112Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 113Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 180 page
background image
PIC16F610/616/16HV610/616
DS41288C-page 108
Preliminary
© 2007 Microchip Technology Inc.
12.2
Calibration Bits
The 8 MHz internal oscillator is factory calibrated.
These calibration values are stored in fuses located in
the Calibration Word (2009h). The Calibration Word is
not erased when using the specified bulk erase
sequence in the “PIC12F60X/12F61X/16F61X Memory
Programming Specification” (DS41284) and thus, does
not require reprogramming.
12.3
Reset
The
PIC16F610/616/16HV610/616
differentiates
between various kinds of Reset:
a)
Power-on Reset (POR)
b)
WDT Reset during normal operation
c)
WDT Reset during Sleep
d)
MCLR Reset during normal operation
e)
MCLR Reset during Sleep
f)
Brown-out Reset (BOR)
Some registers are not affected in any Reset condition;
their status is unknown on POR and unchanged in any
other Reset. Most other registers are reset to a “Reset
state” on:
• Power-on Reset
•MCLR Reset
•MCLR Reset during Sleep
• WDT Reset
• Brown-out Reset (BOR)
WDT wake-up does not cause register resets in the
same manner as a WDT Reset since wake-up is
viewed as the resumption of normal operation. TO and
PD bits are set or cleared differently in different Reset
situations, as indicated in Table 12-2. Software can use
these bits to determine the nature of the Reset. See
Table 12-4 for a full description of Reset states of all
registers.
A simplified block diagram of the On-Chip Reset Circuit
is shown in Figure 12-1.
The MCLR Reset path has a noise filter to detect and
ignore small pulses. See Section 15.0 “Electrical
Specifications” for pulse-width specifications.
FIGURE 12-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
RQ
External
Reset
MCLR/VPP pin
VDD
OSC1/
WDT
Module
POR
Detect
OST/PWRT
On-Chip
WDT
Time-out
Power-on Reset
OST
10-bit Ripple Counter
PWRT
Chip_Reset
11-bit Ripple Counter
Reset
Enable OST
Enable PWRT
Sleep
Brown-out(1)
Reset
BOREN
CLKI pin
Note
1:
Refer to the Configuration Word register (Register 12-1).
RC OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com