Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F616-E/PSQTP Datasheet(PDF) 116 Page - Microchip Technology

Part # PIC16F616-E/PSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/PSQTP Datasheet(HTML) 116 Page - Microchip Technology

Back Button PIC16F616-E/PSQTP Datasheet HTML 112Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 113Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 114Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 115Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 116Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 117Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 118Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 119Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 180 page
background image
PIC16F610/616/16HV610/616
DS41288C-page 114
Preliminary
© 2007 Microchip Technology Inc.
TABLE 12-5:
INITIALIZATION CONDITION FOR SPECIAL REGISTERS
ANSEL
91h
1111 1111
1111 1111
uuuu uuuu
PR2(6)
92h
1111 1111
1111 1111
1111 1111
WPUA
95h
--11 -111
--11 -111
--uu -uuu
IOCA
96h
--00 0000
--00 0000
--uu uuuu
SRCON0
99h
0000 00-0
0000 00-0
uuuu uu-u
SRCON1
9Ah
00-- ----
00-- ----
uu-- ----
ADRESL(6)
9Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON1(6)
9Fh
-000 ----
-000 ----
-uuu ----
Condition
Program
Counter
Status
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
---- --0x
MCLR Reset during normal operation
000h
000u uuuu
---- --uu
MCLR Reset during Sleep
000h
0001 0uuu
---- --uu
WDT Reset
000h
0000 uuuu
---- --uu
WDT Wake-up
PC + 1
uuu0 0uuu
---- --uu
Brown-out Reset
000h
0001 1uuu
---- --10
Interrupt Wake-up from Sleep
PC + 1(1)
uuu1 0uuu
---- --uu
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’.
Note 1:
When the wake-up is due to an interrupt and Global Interrupt Enable bit, GIE, is set, the PC is loaded with
the interrupt vector (0004h) after execution of PC + 1.
TABLE 12-4:
INITIALIZATION CONDITION FOR REGISTERS (CONTINUED)
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset (Continued)
Brown-out Reset(1)
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out (Continued)
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 12-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
PIC16F616/16HV616 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com