Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2011A20E/P Datasheet(PDF) 122 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 122 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 118Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 119Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 120Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 121Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 122Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 123Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 124Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 125Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 120
© 2006 Microchip Technology Inc.
TABLE 17-1:
OSCILLATOR OPERATING MODES
Oscillator Mode
Description
XTL
200 kHz-4 MHz crystal on OSC1:OSC2.
XT
4 MHz-10 MHz crystal on OSC1:OSC2.
XT w/PLL 4x
4 MHz-10 MHz crystal on OSC1:OSC2, 4x PLL enabled.
XT w/PLL 8x
4 MHz-10 MHz crystal on OSC1:OSC2, 8x PLL enabled.
XT w/PLL 16x
4 MHz-7.5 MHz crystal on OSC1:OSC2, 16x PLL enabled(1).
LP
32 kHz crystal on SOSCO:SOSCI(2).
HS
10 MHz-25 MHz crystal.
HS/2 w/PLL 4x
10 MHz -20 MHz crystal, divide by 2, 4x PLL enabled.
HS/2 w/PLL 8x
10 MHz-20 MHz crystal, divide by 2, 8x PLL enabled.
HS/2 w/PLL 16x
10 MHz-15 MHz crystal, divide by 2, 16x PLL enabled(1).
HS/3 w/PLL 4x
12 MHz-25 MHz crystal, divide by 3, 4x PLL enabled.
HS/3 w/PLL 8x
12 MHz-25 MHz crystal, divide by 3, 8x PLL enabled.
HS/3 w/PLL 16x
12 MHz-22.5 MHz crystal, divide by 3, 16x PLL enabled(1).
EC
External clock input (0-40 MHz).
ECIO
External clock input (0-40 MHz), OSC2 pin is I/O.
EC w/PLL 4x
External clock input (4-10 MHz), OSC2 pin is I/O, 4x PLL enabled.
EC w/PLL 8x
External clock input (4-10 MHz), OSC2 pin is I/O, 8x PLL enabled.
EC w/PLL 16x
External clock input (4-7.5 MHz), OSC2 pin is I/O, 16x PLL enabled(1).
ERC
External RC oscillator, OSC2 pin is FOSC/4 output(3).
ERCIO
External RC oscillator, OSC2 pin is I/O(3).
FRC
7.37 MHz internal RC oscillator.
FRC w/PLL 4x
7.37 MHz Internal RC oscillator, 4x PLL enabled.
FRC w/PLL 8x
7.37 MHz Internal RC oscillator, 8x PLL enabled.
FRC w/PLL 16x
7.37 MHz Internal RC oscillator, 16x PLL enabled.
LPRC
512 kHz internal RC oscillator.
Note 1:
dsPIC30F maximum operating frequency of 120 MHz must be met.
2:
LP oscillator can be conveniently shared as system clock, as well as real-time clock for Timer1.
3:
Requires external R and C. Frequency operation up to 4 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com