Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2011A20E/P Datasheet(PDF) 183 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 183 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 179Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 180Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 181Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 182Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 183Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 184Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 185Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 186Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 181
dsPIC30F2011/2012/3012/3013
TABLE 20-37: 12-BIT A/D CONVERSION TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.7V to 5.5V
(unless otherwise stated)
TABLE 20-38: OPERATING TEMPERATURE-40°C
≤
TA
≤ +85°C FOR INDUSTRIAL
-40°C
≤ TA ≤ +125°C FOR EXTENDED
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Clock Parameters
AD50
TAD
A/D Clock Period
—
334
—
ns
VDD = 3-5.5V (Note 1)
AD51
tRC
A/D Internal RC Oscillator Period
1.2
1.5
1.8
μs—
Conversion Rate
AD55
tCONV
Conversion Time
—
14 TAD
ns
—
AD56
FCNV
Throughput Rate
—
200
—
ksps
VDD = VREF = 5V
AD57
TSAMP
Sampling Time
—
1 TAD
—ns
VDD = 3-5.5V source
resistance
RS = 0-2.5 k
Ω
Timing Parameters
AD60
tPCS
Conversion Start from Sample
Trigger
—1 TAD
—ns
—
AD61
tPSS
Sample Start from Setting
Sample (SAMP) Bit
0.5 TAD
—1.5
TAD
ns
—
AD62
tCSS
Conversion Completion to
Sample Start (ASAM = 1)
—0.5 TAD
—ns
—
AD63
tDPU
Time to Stabilize Analog Stage
from A/D Off to A/D On
—20
—
μs—
Note 1:
Because the sample caps will eventually lose charge, clock rates below 10 kHz can affect linearity
performance, especially at elevated temperatures.
2:
These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com